| Electronic Components Datasheet Search |
|
AD4682 Datasheet(PDF) 22 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD4682 Datasheet(HTML) 22 Page - Analog Devices |
|
22 / 30 page ![]() AD4682/AD4683 Data Sheet Rev. 0 | Page 22 of 30 Serial 2-Wire Mode Configure 2-wire mode by setting the SDO bit in the CONFIGURATION1 register to 0. In 2-wire mode, the conversion result for ADC A is output on the SDOA pin, and the conversion result for ADC B is output on the SDOB/ALERT pin (see Figure 41). Serial 1-Wire Mode In applications where slower throughput rates are allowed, the SPI can be configured to operate in 1-wire mode. In 1-wire mode, the conversion results from ADC A and ADC B are output on the serial output, SDOA. Additional SCLK cycles are required to propagate all of the data. The ADC A data is output first, followed by the ADC B conversion results (see Figure 42). LOW LATENCY READBACK The interface on the AD4682 and the AD4683 has a one cycle latency, as shown in Figure 43. For applications that operate at lower throughput rates, the latency of reading the conversion result can be reduced. When the conversion time elapses, a second CS pulse after the initial CS pulse that initiates the conversion can readback the conversion result. This operation is shown in Figure 43. CS DON’T CARE ADC A S0 ADC A S1 SDOA SDOB NOP NOP NOP S0 S1 S2 S3 DON’T CARE ADC B S0 ADC B S1 SDI Figure 41. Reading Conversion Results: 2-Wire Mode CS DON’T CARE ADC A S1 ADC B S1 SDOA NOP NOP NOP S0 S1 S2 S3 ADC A S0 ADC B S0 SDI Figure 42. Reading Conversion Results: 1-Wire Mode CS DON'T CARE ACQ DON'T CARE ACQ INTERNAL RESULTn RESULTn + 1 CNVn + 1 CNVn SDOA SDOB SCLK TARGET SAMPLE PERIOD Figure 43. Low Throughput Low Latency |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |