Electronic Components Datasheet Search
  English  ▼

X  

AD4682 Datasheet(PDF) 9 Page - Analog Devices

Part # AD4682
Description  Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4682 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD4682 Datasheet HTML 5Page - Analog Devices AD4682 Datasheet HTML 6Page - Analog Devices AD4682 Datasheet HTML 7Page - Analog Devices AD4682 Datasheet HTML 8Page - Analog Devices AD4682 Datasheet HTML 9Page - Analog Devices AD4682 Datasheet HTML 10Page - Analog Devices AD4682 Datasheet HTML 11Page - Analog Devices AD4682 Datasheet HTML 12Page - Analog Devices AD4682 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Data Sheet
AD4682/AD4683
Rev. 0 | Page 9 of 30
TYPICAL PERFORMANCE CHARACTERISTICS
0
–20
–40
–60
–80
–100
–120
–140
–180
–160
0
200
300
400
100
500
FREQUENCY (kHz)
SNR = 87.7dB
THD = –102.82dB
SINAD = 85.6dB
fIN = 1kHz
VREF = 3.3V (EXTERNAL)
Figure 7. AD4682 Fast Fourier Transform (FFT), VREF = 3.3 V External
SNR = 87.28dB
THD = –99.1dB
SINAD = 87dB
fIN = 1kHz
VREF = 3.3V (EXTERNAL)
–20
–40
–60
–80
–100
–120
–140
–180
–160
0
100
150
200
50
250
FREQUENCY (kHz)
0
Figure 8. AD4683 FFT, VREF = 3.3 V External
–20
–40
–60
–80
–100
–120
–140
–180
–160
0
200
300
400
100
500
FREQUENCY (kHz)
0
SNR = 95.1dB
THD = –99.1dB
SINAD = 93.6dB
fIN = 1kHz
VREF = 3.3V (EXTERNAL)
RES = 1, OSR = 8
Figure 9. AD4682 FFT, Rolling Average Oversampling
0
–20
–40
–60
–80
–100
–120
–140
–180
–160
0
200
300
400
100
500
FREQUENCY (kHz)
SNR = 85.7dB
THD = –102.82dB
SINAD = 85.6dB
fIN = 1kHz
VREF = 2.5V (INTERNAL)
Figure 10. AD4682 FFT, VREF = 2.5 V Internal
SNR = 85.68dB
THD = –102.6dB
SINAD = 85.6dB
fIN = 1kHz
VREF = 2.5V (EXTERNAL)
–20
–40
–60
–80
–100
–120
–140
–180
–160
0
100
150
200
50
250
FREQUENCY (kHz)
0
Figure 11. AD4683 FFT, VREF = 2.5 V External
0
20000
40000
60000
80000
120000
100000
–6
–5
–4
–3
–2
–1
0
1
2
3
4
6
5
7
CODE
11 370
6450
40438
95992
85602
29563
4157
210
6
Figure 12. DC Histogram at Code Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com