Electronic Components Datasheet Search
  English  ▼

X  

AD4682 Datasheet(PDF) 14 Page - Analog Devices

Part # AD4682
Description  Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4682 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD4682 Datasheet HTML 10Page - Analog Devices AD4682 Datasheet HTML 11Page - Analog Devices AD4682 Datasheet HTML 12Page - Analog Devices AD4682 Datasheet HTML 13Page - Analog Devices AD4682 Datasheet HTML 14Page - Analog Devices AD4682 Datasheet HTML 15Page - Analog Devices AD4682 Datasheet HTML 16Page - Analog Devices AD4682 Datasheet HTML 17Page - Analog Devices AD4682 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
AD4682/AD4683
Data Sheet
Rev. 0 | Page 14 of 30
THEORY OF OPERATION
CIRCUIT INFORMATION
The AD4682 and the AD4683 are high speed, dual, simultaneous
sampling, pseudo differential, 16-bit, SAR ADCs. The AD4682
and the AD4683 operate from a 3.0 V to 3.6 V power supply and
feature throughput rates of 1 MSPS and 500 kSPS, respectively.
The AD4682 and the AD4682 contain two SAR ADCs and a
serial peripheral interface (SPI) with two separate data output
pins. The devices are housed in a 16-lead LFCSP, offering the
user considerable space-saving advantages over alternative
solutions.
Data is accessed from the devices via the SPI. The SPI can
operate with one or two serial outputs. The AD4682 and the
AD4682 have an on-chip 2.5 V internal reference, VREF. If an
external reference is required, disable the internal reference,
supply a reference value that ranges from 2.5 V to 3.3 V, and set
the REFSEL bit in the CONFIGURATION1 register to 1. If the
internal reference is used elsewhere in the system, buffer the
reference output. The pseudo differential analog input range
for the AD4682 and the AD4683 is the common-mode voltage
(VCM) ± VREF/2.
The AD4682 and the AD4683 feature an on-chip oversampling
block to improve performance. Rolling average oversampling
mode and power-down options that allow power saving between
conversions are also available. Configuration of the devices is
implemented via the standard SPI (see the Interface section).
CONVERTER OPERATION
The AD4682 and the AD4683 have two SAR ADCs, each based
around two capacitive digital-to-analog converters (DACs).
Figure 31 and Figure 32 show the simplified schematics of one
of these ADCs in acquisition and conversion phases, respectively.
The ADC comprises the control logic, an SAR, and two capacitive
DACs. In Figure 31 (the acquisition phase), SW3 is closed, SW1
and SW2 are in Position A, the comparator is held in a balanced
condition, and the sampling capacitor (CS) arrays can acquire
the pseudo differential signal on the input.
CAPACITIVE
DAC
CONTROL
LOGIC
COMPARATOR
SW3
SW1
A
A
B
B
SW2
CS
CS
VREF
CAPACITIVE
DAC
AINx+
AINx–
Figure 31. ADC Acquisition Phase
When the ADC starts a conversion (see Figure 32), SW3 opens
and SW1 and SW2 move to Position B, causing the comparator
to become unbalanced. Both inputs are disconnected when the
conversion begins. The control logic and charge redistribution
DACs are used to add and subtract fixed amounts of charge
from the sampling capacitor arrays to bring the comparator
back into a balanced condition. When the comparator is
rebalanced, the conversion completes. The control logic generates
the ADC output code. The output impedances of the sources
driving the AINx+ and AINx− pins must be matched. Otherwise,
the two inputs have different settling times, which results in errors.
COMPARATOR
CS
CS
SW1
SW2
VREF
CONTROL
LOGIC
SW3
A
A
B
B
CAPACITIVE
DAC
CAPACITIVE
DAC
AINx+
AINx–
Figure 32. ADC Conversion Phase
ANALOG INPUT STRUCTURE
Figure 33 shows the equivalent analog input circuit of the AD4682
and the AD4683. The four diodes (D) provide ESD protection
for the analog inputs. Ensure that the analog input signals do
not exceed the supply rails by more than 300 mV. Exceeding the
limit causes these diodes to become forward-biased and start
conducting into the substrate. These diodes can conduct up to
10 mA without causing irreversible damage to the devices.
The C1 capacitors in Figure 33 are typically 3 pF and can primarily
be attributed to pin capacitance. The R1 resistors are lumped
components made up of the on resistance of the switches. The
value of these resistors is typically about 200 Ω. The C2 capacitors
are sampling capacitors of the ADC with a capacitance of 15 pF
typically.
C2
R1
AINx+
VCC
D
C1
D
C2
R1
AINx–
VCC
D
C1
D
Figure 33. Equivalent Analog Input Circuit,
Conversion Phase—Switches Open, Track Phase—Switches Closed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com