Electronic Components Datasheet Search
  English  ▼

X  

AD4682 Datasheet(PDF) 15 Page - Analog Devices

Part # AD4682
Description  Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4682 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD4682 Datasheet HTML 11Page - Analog Devices AD4682 Datasheet HTML 12Page - Analog Devices AD4682 Datasheet HTML 13Page - Analog Devices AD4682 Datasheet HTML 14Page - Analog Devices AD4682 Datasheet HTML 15Page - Analog Devices AD4682 Datasheet HTML 16Page - Analog Devices AD4682 Datasheet HTML 17Page - Analog Devices AD4682 Datasheet HTML 18Page - Analog Devices AD4682 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
Data Sheet
AD4682/AD4683
Rev. 0 | Page 15 of 30
ADC TRANSFER FUNCTION
The AD4682 and the AD4683 can use a typical 2.5 V to 3.3 V VREF.
The AD4682 and the AD4683 convert the differential voltage of
the analog inputs (AINA+, AINA−, AINB+, and AINB−) into a
digital output.
The conversion result is MSB first, twos complement. The LSB
size is VREF/2N, where N is the ADC resolution. The ADC
resolution is determined by the resolution of the device chosen,
and if resolution boost mode is enabled. Table 8 outlines the LSB
size expressed in µV for different resolutions and reference
voltage options.
The ideal transfer characteristics for the AD4682 and the
AD4683 are shown in Figure 34.
100...010
011...111
ANALOG INPUT
+FSR – 1.5LSB
+FSR – 1LSB
–FSR + 1LSB
–FSR
–FSR + 0.5LSB
011...110
011...101
100...001
100...000
Figure 34. ADC Ideal Transfer Function (FSR = Full-Scale Range)
Table 8. LSB Size
Resolution (Bits)
2.5 V Reference (µV)
3.3 V Reference (µV)
16
38.1
50.3
18
9.5
12.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com