Electronic Components Datasheet Search
  English  ▼

X  

AD4682 Datasheet(PDF) 28 Page - Analog Devices

Part # AD4682
Description  Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4682 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD4682 Datasheet HTML 22Page - Analog Devices AD4682 Datasheet HTML 23Page - Analog Devices AD4682 Datasheet HTML 24Page - Analog Devices AD4682 Datasheet HTML 25Page - Analog Devices AD4682 Datasheet HTML 26Page - Analog Devices AD4682 Datasheet HTML 27Page - Analog Devices AD4682 Datasheet HTML 28Page - Analog Devices AD4682 Datasheet HTML 29Page - Analog Devices AD4682 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
AD4682/AD4683
Data Sheet
Rev. 0 | Page 28 of 30
CONFIGURATION2 REGISTER
Address: 0x2, Reset: 0x0000, Name: CONFIGURATION2
Addres s ing
Res et
SDO
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
8
0
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15:12] ADDRESSING (R/W)
[7:0] RESET (R/W)
[11:9] RESERVED
[8] SDO (R/W)
Table 17. Bit Descriptions for CONFIGURATION2
Bits
Bit Name
Description
Reset
Access
[15:12]
ADDRESSING
Addressing. Bits[15:12] define the address of the relevant register. See the Addressing Registers
section for further details.
0x0
R/W
[11:9]
RESERVED
Reserved.
0x0
R
8
SDO
SDO. Conversion results in the serial data output.
0x0
R/W
0: 2-wire. Conversion data are output on both the SDOA and SDOB/ALERT pins.
1: 1-wire. Conversion data are output on the SDOA pin only.
[7:0]
RESET
Reset.
0x0
R/W
0x3C performs a soft reset that resets some blocks. Register contents remain unchanged.
Clears the ALERT register and flushes any oversampling stored variables or any active state
machines.
0xFF performs a hard reset that resets all possible blocks in the AD4682 or the AD4683.
Register contents are set to defaults. All other values are ignored.
ALERT REGISTER
Address: 0x3, Reset: 0x0000, Name: ALERT
Addres s ing
Alert A Low
Alert A High
CRC Error
Load Error
Alert B Low
Alert B High
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
8
0
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15:12] ADDRESSING (R)
[0] AL_A_LOW (R)
[11:10] RESERVED
[1] AL_A_HIGH (R)
[9] CRCW_F (R)
[3:2] RESERVED
[8] SETUP_F (R)
[4] AL_B_LOW (R)
[7:6] RESERVED
[5] AL_B_HIGH (R)
Table 18. Bit Descriptions for ALERT
Bits
Bit Name
Description
Reset
Access
[15:12]
ADDRESSING
Addressing. Bits[15:12] define the address of the relevant register. See the Addressing Registers
section for further details.
0x0
R
[11:10]
RESERVED
Reserved.
0x0
R
9
CRCW_F
CRC Error. Indicates that a register write command failed due to a CRC error. This fault bit is
sticky and remains set until the register is read.
0x0
R
0: no CRC error.
1: CRC error.
8
SETUP_F
Load Error. The SETUP_F bit indicates that the device configuration data did not load
properly on startup. The SETUP_F bit does not clear on an ALERT register read. A hard reset
via the CONFIGURATION2 register is required to clear the SETUP_F bit and restart the device
setup again.
0x0
R
0: no setup error.
1: setup error.
[7:6]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com