Electronic Components Datasheet Search
  English  ▼

X  

AD4682 Datasheet(PDF) 27 Page - Analog Devices

Part # AD4682
Description  Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4682 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD4682 Datasheet HTML 22Page - Analog Devices AD4682 Datasheet HTML 23Page - Analog Devices AD4682 Datasheet HTML 24Page - Analog Devices AD4682 Datasheet HTML 25Page - Analog Devices AD4682 Datasheet HTML 26Page - Analog Devices AD4682 Datasheet HTML 27Page - Analog Devices AD4682 Datasheet HTML 28Page - Analog Devices AD4682 Datasheet HTML 29Page - Analog Devices AD4682 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Data Sheet
AD4682/AD4683
Rev. 0 | Page 27 of 30
CONFIGURATION1 REGISTER
Address: 0x1, Reset: 0x0000, Name: CONFIGURATION1
Addressing.
Shutdown Mode.
Reference Select.
Oversampling Mode.
Resolution.
Oversampling Ratio.
Enable Alert Indicator Function.
CRC Write.
CRC Read.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
8
0
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15:12] ADDRESSING (R/W)
[0] PMODE (R/W)
[11:10] RESERVED
[1] REFSEL (R/W)
[9] OS_MODE (R/W)
[2] RES (R/W)
[8:6] OSR (R/W)
[3] ALERT_EN (R/W)
[5] CRC_W (R/W)
[4] CRC_R (R/W)
Table 16. Bit Descriptions for CONFIGURATION1
Bits
Bit Name
Description
Reset
Access
[15:12]
ADDRESSING
Addressing. Bits[15:12] define the address of the relevant register. See the Addressing Registers
section for further details.
0x0
R/W
[11:10]
RESERVED
Reserved.
0x0
R
9
OS_MODE
Oversampling Mode. Enables the rolling average oversampling mode of the ADC.
0x0
R/W
0: disable.
1: enable.
[8:6]
OSR
Oversampling Ratio. Sets the oversampling ratio for all the ADCs in rolling average oversampling
mode. Rolling average oversampling mode supports oversampling ratios of ×2, ×4, and ×8.
0x0
R/W
000: disabled.
001: ×2.
010: ×4.
011: ×8.
100: disabled.
101: disabled.
110: disabled.
111: disabled.
5
CRC_W
CRC Write. Controls the CRC functionality for the SDI interface. When setting the CRC_W bit
from a 0 to a 1, follow the command with a valid CRC to set this configuration bit. If a valid
CRC is not received, the entire frame is ignored. If the CRC_W bit is set to 1, the bit requires a
CRC to clear it to 0.
0x0
R/W
0: no CRC function.
1: CRC function.
4
CRC_R
CRC Read. Controls the CRC functionality for the SDOA and SDOB/ALERT interface.
0x0
R/W
0: no CRC function.
1: CRC function.
3
ALERT_EN
Enable Alert Indicator Function. This alert function is enabled when the SDO bit = 1.
Otherwise, the ALERT_EN bit is ignored.
0x0
R/W
0: SDOB.
1: ALERT.
2
RES
Resolution. Sets the size of the conversion result data. If OSR = 0, the RES bit is ignored, and
the resolution is set to default resolution.
0x0
R/W
0: normal resolution.
1: 2-bit higher resolution.
1
REFSEL
Reference Select. Selects the ADC reference source.
0x0
R/W
0: selects internal reference.
1: selects external reference.
0
PMODE
Shutdown Mode. Sets the power modes.
0x0
R/W
0: normal mode.
1: shutdown mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com