Electronic Components Datasheet Search
  English  ▼

X  

AD4682 Datasheet(PDF) 11 Page - Analog Devices

Part # AD4682
Description  Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4682 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD4682 Datasheet HTML 7Page - Analog Devices AD4682 Datasheet HTML 8Page - Analog Devices AD4682 Datasheet HTML 9Page - Analog Devices AD4682 Datasheet HTML 10Page - Analog Devices AD4682 Datasheet HTML 11Page - Analog Devices AD4682 Datasheet HTML 12Page - Analog Devices AD4682 Datasheet HTML 13Page - Analog Devices AD4682 Datasheet HTML 14Page - Analog Devices AD4682 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Data Sheet
AD4682/AD4683
Rev. 0 | Page 11 of 30
–120
–110
–100
–90
–80
–70
–60
–50
FREQUENCY (kHz)
EXTERNAL REFERENCE = 3.3V
INTERNAL REFERENCE = 2.5V
1
10
100
1000
Figure 19. AD4683 THD vs. Frequency
TEMPERATURE (°C)
80
81
82
83
84
85
86
87
88
89
90
–40
–25
–10
5
20
35
50
65
80
95
110
125
EXTERNAL REFERENCE = 3.3V
INTERNAL REFERENCE = 2.5V
Figure 20. AD4682 SNR vs. Temperature
TEMPERATURE (°C)
80
81
82
83
84
85
86
87
88
89
90
–40
–25
–10
5
20
35
50
65
80
95
110
125
EXTERNAL REFERENCE = 3.3V
INTERNAL REFERENCE = 2.5V
Figure 21. AD4683 SNR vs. Temperature
80
81
82
83
84
85
86
87
88
89
90
FREQUENCY (kHz)
EXTERNAL REFERENCE = 3.3V
INTERNAL REFERENCE = 2.5V
1
10
100
1000
Figure 22. AD4683 SINAD vs. Frequency
–120
–100
–110
–90
–80
–70
–60
–50
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
EXTERNAL REFERENCE = 3.3V
INTERNAL REFERENCE = 2.5V
Figure 23. AD4682 THD vs. Temperature
–120
–100
–110
–90
–80
–70
–60
–50
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
EXTERNAL REFERENCE = 3.3V
INTERNAL REFERENCE = 2.5V
Figure 24. AD4683 THD vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com