Electronic Components Datasheet Search
  English  ▼

X  

AD9083BBCZ Datasheet(PDF) 38 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 34Page - Analog Devices AD9083BBCZ Datasheet HTML 35Page - Analog Devices AD9083BBCZ Datasheet HTML 36Page - Analog Devices AD9083BBCZ Datasheet HTML 37Page - Analog Devices AD9083BBCZ Datasheet HTML 38Page - Analog Devices AD9083BBCZ Datasheet HTML 39Page - Analog Devices AD9083BBCZ Datasheet HTML 40Page - Analog Devices AD9083BBCZ Datasheet HTML 41Page - Analog Devices AD9083BBCZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 93 page
background image
AD9083
Data Sheet
Rev. 0 | Page 38 of 93
Decimate by J Filters
After the frequency translation stage, there are multiple
decimation filter stages that reduce the output data rate. After
the carrier of interest is tuned down to dc (carrier frequency =
0 Hz), these filters efficiently lower the sample rate, while
providing sufficient alias rejection from unwanted adjacent
carriers around the bandwidth of interest.
When the decimate by J block is supplied with direct data from
the ADC, there is no mixing option. Only decimation occurs.
The valid J decimation options are determined by the path
before the decimate by J block. Table 19 lists the available J
decimation options determined by the input data path.
The decimate by J block supports decimation ratios of 1, 4, 8, 10,
12, 16, 20, 24, 30, 40, and 60, as shown in Table 19.
Decimation rates of 1, 4, 10, and 30 are valid only when CIC is
not bypassed (for example, DECI_ADC_DATA is equal to 0).
Figure 81 shows the detailed block diagram of the Decimate by
J filters.
Table 12 describes the filter characteristics of the different FIR filter
blocks.
Table 21 shows the different filter configurations selectable by
including different filters. In all cases, the decimate by J filtering
stage provides 81.4% of the available output bandwidth,
<±0.005 dB of pass-band ripple, and >100 dB of stop band alias
rejection. Table 22 shows the coefficients for the various finite
impulse response (FIR) filters used in the AD9083.
FROM MIXER/CIC
DIRECT FROM ADC
HB1
HB2
HB4
PB2
HB3
TB3
Figure 81. Decimate by J Filters Block Diagram
Table 19. J Decimation Rate
CIC Filter and NCO0/Mixer Bypassed
(DECI_ADC_DATA = 1 and
NO_DDC_MODE = 1)
CIC Filter Enabled and NCO0/Mixer
Bypassed (DECI_ADC_DATA = 0 and
NO_DDC_MODE = 1)
CIC Filter and NCO0/Mixer Enabled
(DECI_ADC_DATA = 0 and
NO_DDC_MODE = 0)
Invalid
1 (bypass mode)
1 (bypass mode)
Invalid
4
4
8
8
8
Invalid
10
Invalid
12
12
Invalid
16
16
16
20
20
Invalid
24
24
Invalid
40
40
Invalid
Invalid
30
Invalid
60
60
Invalid
Table 20. Decimation Filter Characteristics
Filter Name
Decimation Ratio
Pass Band
(rad/sec)
Stop Band (rad/sec)
Pass-Band Ripple (dB)
Stop Band Rejection (dB)
HB4
2
0.1 × π/2
π/2 × 1.9
<±0.001
>100
HB3
2
0.2 × π/2
π/2 × 1.8
<±0.001
>100
HB2
2
0.4 × π/2
π/2 × 1.6
<±0.001
>100
HB1
2
0.8 × π/2
π/2 × 1.2
<±0.001
>100
TB3
3
0.3 × π/3
π/3 × 1.8
<±0.001
>100
PB2
5
0.4 × π/5
π/5 × 1.6
<±0.001
>100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com