Electronic Components Datasheet Search
  English  ▼

X  

AD9083BBCZ Datasheet(PDF) 56 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 52Page - Analog Devices AD9083BBCZ Datasheet HTML 53Page - Analog Devices AD9083BBCZ Datasheet HTML 54Page - Analog Devices AD9083BBCZ Datasheet HTML 55Page - Analog Devices AD9083BBCZ Datasheet HTML 56Page - Analog Devices AD9083BBCZ Datasheet HTML 57Page - Analog Devices AD9083BBCZ Datasheet HTML 58Page - Analog Devices AD9083BBCZ Datasheet HTML 59Page - Analog Devices AD9083BBCZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 93 page
background image
AD9083
Data Sheet
Rev. 0 | Page 56 of 93
Example 1: Wide Bandwidth Real Output Mode
After powering up the device, execute the API sequence
according to the target application requirements listed in this
section. This sequence configures the AD9083 to operate in wide
bandwidth mode without frequency translation in the datapath.
The total power consumption in this mode is about 1.42 W. This is
the mode of operation used to measure the data sheet parameters
listed in the specification tables. (see Table 1).
•
Sample rate = 2 GSPS.
•
On-chip PLL reference = 250 MHz.
•
fINMAX = 100 MHz (sample rate/20).
•
Low pass filter cut-off frequency (fC) = 800 MHz.
•
VMAX = 2.0 V.
•
RTERM = 100 Ω.
•
EN_HP = 0.
•
Backoff = 0 dB.
•
Mixer bypassed (real data).
•
CIC decimator bypassed.
•
Decimate by J = 8.
•
Output bandwidth = 100 MHz.
•
Transport parameters L, M, F, S, N’, K = 4, 16, 6, 1, 12, 32.
•
Each lane = 15 Gbps.
The following API sequence with specific input parameters is needed to fully configure the device in the wide bandwidth mode of operation:
// Define device structure and instantiate
adi_ad9083_device_t ad9083_dev;
// Perform soft reset
adi_ad9083_device_reset(&ad9083_dev, 0);
// Get API revision, CPU info etc
adi_ad9083_device_init(&ad9083_dev);
// Set up clocking configuration, lock on-chip PLL
//ADC Sample Rate = 2GSPS (adc_clk_hz in units of Hz)
//PLL Reference Clock = 250MHz (ref_clk_hz in units of Hz)
adi_ad9083_device_clock_config_set(&ad9083_dev, adc_clk_hz = 2000000000, ref_clk_hz =
250000000);
// Setup VCO ADC settings
//LPF bandwidth Fc = 800MHz (fc in units of Hz), Vmax = 2.0V (vmax in mV units)
//Rterm = 100 ohm (rterm bitfield = 2 for 100 ohm), Enhp = 0
//Backoff = 0dB (backoff in terms of noise, dB * 100)
//Finmax = 100MHz (finmax in units of Hz)
adi_ad9083_adc_term_res_e rterm = AD9083_ADC_TERM_RES_100; // (enum value = 2)
adi_ad9083_rx_adc_config_set(&ad9083_dev, fc = 800000000, vmax = 2000, rterm = term, en_hp
= 0, backoff = 0, finmax = 100000000);
// Setup Datapath
//Datapath: ADC -> J -> JESD204B output
//Decimation: CIC bypassed (/1), J Decimation = 8, G value bypassed, H value bypassed
//NCO frequency shifts: NCO0, NCO1 & NCO2 bypassed
adi_ad9083_datapath_mode_e datapath_mode = AD9083_DATAPATH_ADC_J;
uint8_t dec[] = {0, AD9083_J_DEC_8, 0, 0};
uint64_t nco_freq_hz = { 0, 0, 0};
adi_ad9083_rx_datapath_config_set(&ad9083_dev, datapath_mode, dec, nco_freq_hz);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com