Electronic Components Datasheet Search
  English  ▼

X  

AD9083BBCZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 16Page - Analog Devices AD9083BBCZ Datasheet HTML 17Page - Analog Devices AD9083BBCZ Datasheet HTML 18Page - Analog Devices AD9083BBCZ Datasheet HTML 19Page - Analog Devices AD9083BBCZ Datasheet HTML 20Page - Analog Devices AD9083BBCZ Datasheet HTML 21Page - Analog Devices AD9083BBCZ Datasheet HTML 22Page - Analog Devices AD9083BBCZ Datasheet HTML 23Page - Analog Devices AD9083BBCZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 93 page
background image
AD9083
Data Sheet
Rev. 0 | Page 20 of 93
BACKOFF = 0dB
BACKOFF = 3dB
BACKOFF = 6dB
FREQUENCY (MHz)
1.0
2.9
4.7
6.6
8.5
10.3
12.2
14.1
16.0
17.8
19.7
–105
–101
–97
–93
–89
–85
–81
–77
–73
–69
–65
Figure 22. ADC HD2 vs. Frequency at Various Backoff Values and
AIN = −10 dB, 1 GSPS
BACKOFF = 0dB
BACKOFF = 3dB
BACKOFF = 6dB
FREQUENCY (MHz)
2.3
6.1
9.8
13.6
17.4
21.1
24.9
28.7
32.5
36.2
40.0
–105
–101
–97
–93
–89
–85
–81
–77
–73
–69
–65
Figure 23. ADC HD2 vs. Frequency at Various Backoff Values and
AIN = −10 dB, 2 GSPS
BACKOFF = 0dB
BACKOFF = 3dB
BACKOFF = 6dB
FREQUENCY (MHz)
1.0
2.9
4.7
6.6
8.5
10.3
12.2
14.1
16.0
17.8
19.7
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
Figure 24. ADC HD3 vs. Frequency at Various Backoff Values and
AIN = −2 dB, 1 GSPS
BACKOFF = 0dB
BACKOFF = 3dB
BACKOFF = 6dB
FREQUENCY (MHz)
2.3
6.1
9.8
13.6
17.4
21.1
24.9
28.7
32.5
36.2
40.0
–110
–103
–96
–89
–82
–75
–68
–61
–54
–47
–40
Figure 25. ADC HD3 vs. Frequency at Various Backoff Values and
AIN = −2 dB, 2 GSPS
BACKOFF = 0dB
BACKOFF = 3dB
BACKOFF = 6dB
FREQUENCY (MHz)
1.0
2.9
4.7
6.6
8.5
10.3
12.2
14.1
16.0
17.8
19.7
–110
–104
–98
–92
–86
–80
–74
–68
–62
–56
–50
Figure 26. ADC HD3 vs. Frequency at Various Backoff Values and
AIN = −10 dB, 1 GSPS
BACKOFF = 0dB
BACKOFF = 3dB
BACKOFF = 6dB
FREQUENCY (MHz)
2.3
6.1
9.8
13.6
17.4
21.1
24.9
28.7
32.5
36.2
40.0
–110
–104
–98
–92
–86
–80
–74
–68
–62
–56
–50
Figure 27. ADC HD3 vs. Frequency at Various Backoff Values and
AIN = −10 dB, 2 GSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com