Electronic Components Datasheet Search
  English  ▼

X  

AD9083BBCZ Datasheet(PDF) 82 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 82 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 78Page - Analog Devices AD9083BBCZ Datasheet HTML 79Page - Analog Devices AD9083BBCZ Datasheet HTML 80Page - Analog Devices AD9083BBCZ Datasheet HTML 81Page - Analog Devices AD9083BBCZ Datasheet HTML 82Page - Analog Devices AD9083BBCZ Datasheet HTML 83Page - Analog Devices AD9083BBCZ Datasheet HTML 84Page - Analog Devices AD9083BBCZ Datasheet HTML 85Page - Analog Devices AD9083BBCZ Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 93 page
background image
AD9083
Data Sheet
Rev. 0 | Page 82 of 93
Addr.
Name
Bits
Bit Name
Description
Reset Access
0x413 PRE_TAP_LEVEL_CH0
[7:0]
DRVPREEM_CH0_SER_RC
Sets Pre Tap Level for SERDOUT0.
0 = 0 dB.
1 = 3 dB.
2 = 6 dB.
3 = not applicable.
0x0
R/W
0x414 PRE_TAP_LEVEL_CH1
[7:0]
DRVPREEM_CH1_SER_RC
Sets Pre Tap Level for SERDOUT1.
0 = 0 dB.
1 = 3 dB.
2 = 6 dB.
3 = not applicable.
0x0
R/W
0x415 PRE_TAP_LEVEL_CH2
[7:0]
DRVPREEM_CH2_SER_RC
Sets Pre Tap Level for SERDOUT2.
0 = 0 dB.
1 = 3 dB.
2 = 6 dB.
3 = not applicable.
0x0
R/W
0x416 PRE_TAP_LEVEL_CH3
[7:0]
DRVPREEM_CH3_SER_RC
Sets Pre Tap Level for SERDOUT3.
0 = 0 dB.
1 = 3 dB.
2 = 6 dB.
3 = not applicable.
0x0
R/W
0x425 PARITY_ERROR
[7:0]
PARITY_ERROR_SER[7:0]
JTx Parity Output Error flag, <0>=ch0, <1>=ch1 0x0
R
0x426 PARITY_ERROR2
[7:0]
PARITY_ERROR_SER[15:8]
JTx Parity Output Error flag, <0>=ch0, <1>=ch1 0x0
R
0x427 PARITY_RST_N
[7:0]
SER_PARITY_RST_N[7:0]
JTx Parity Clear bit each bit is a channel. JTx
Parity Clear bit each bit is a channel ==> <3> =
chan_3, <2> = chan_2
0x0
R/W
0x428 PARITY_RST_N2
[7:0]
SER_PARITY_RST_N[15:8]
JTx Parity Clear bit each bit is a channel. JTx
Parity Clear bit each bit is a channel ==> <3> =
chan_3, <2> = chan_2
0x0
R/W
0x439 MAIN_DATA_INV
[7:4]
RESERVED
Reserved
0x0
R/W
3
OUTPUTDATAINVERT_CH3
JTx, Invert SERDOUT3 data.
0 = normal.
1 = invert.
0x0
R/W
2
OUTPUTDATAINVERT_CH2
JTx, Invert SERDOUT2 data.
0 = normal.
1 = invert.
0x0
R/W
1
OUTPUTDATAINVERT_CH1
JTx, Invert SERDOUT1 data.
0 = normal.
1 = invert.
0x0
R/W
0
OUTPUTDATAINVERT_CH0
JTx, Invert SERDOUT0 data.
0 = normal.
1 = invert.
0x0
R/W
0x447 SYNCINB_CTRL
[7:4]
RESERVED
Reserved.
0x0
R
3
PD_SYNCINB_RX_RC
SYNCINB receiver power control bit.
0 = Normal Operation
1 = Power Down
0x1
R/W
2
SYNCINB_RX_PN_INV_RC
SYNCINB Polarity control bit.
0 = Normal polarity
1 = Invert polarity
0x0
R/W
1
SYNCINB_RX_ONCHIP_TERM_R
C
SYNCINB onchip termination control bit.
0 = Disabled (Use if 0x447[0] = 0)
1 = Enabled (100Ω differential)
0x0
R/W
0
SYNCINB_RX_MODE_RC
SYNCINB Mode control bit.
0 = CMOS mode (Single Ended)
1 = LVDS mode (Differential)
0x0
R/W
0x449 JTX_CTRL
[7:1]
RESERVED
Reserved.
0x0
R
0
JTAG_EN_SER_TESTMODE_RC SYNC control bit.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com