Electronic Components Datasheet Search
  English  ▼

X  

AD9083BBCZ Datasheet(PDF) 70 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 70 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 66Page - Analog Devices AD9083BBCZ Datasheet HTML 67Page - Analog Devices AD9083BBCZ Datasheet HTML 68Page - Analog Devices AD9083BBCZ Datasheet HTML 69Page - Analog Devices AD9083BBCZ Datasheet HTML 70Page - Analog Devices AD9083BBCZ Datasheet HTML 71Page - Analog Devices AD9083BBCZ Datasheet HTML 72Page - Analog Devices AD9083BBCZ Datasheet HTML 73Page - Analog Devices AD9083BBCZ Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 93 page
background image
AD9083
Data Sheet
Rev. 0 | Page 70 of 93
Addr.
Name
Bits
Bit Name
Description
Reset Access
0x199 OVR_STATUS_0
[7:0]
DFORMAT_OVR_STATUS[7:0] Output Overrange Status Indicator. Converter
overrange indication sticky bits (active high).
One bit for each virtual converter
0: No overrange occurred.
1: Overrange occurred.
This bit is set to 1 if converter is driven beyond
the specified input range. It is sticky, meaning it
remains set until explicitly cleared by writing a 1
to the corresponding
DFORMAT_OVR_CLEAR[15:0] bits. The
corresponding DFORMAT_OVR_CLEAR[15:0] bits
must be cleared for further overflows to be
reported.
[0] = Overrange sticky bit for Converter 0
[1] = Overrange sticky bit for Converter 1
[2] = Overrange sticky bit for Converter 2
and so on.
0x0
R
0x19A OVR_STATUS_1
[7:0]
DFORMAT_OVR_
STATUS[15:8]
Output Overrange Status Indicator. Converter
overrange indication sticky bits (active high).
One bit for each virtual converter
0: No overrange occurred.
1: Overrange occurred.
This bit is set to 1 if converter is driven beyond
the specified input range. It is sticky, meaning it
remains set until explicitly cleared by writing a 1
to the corresponding
DFORMAT_OVR_CLEAR[15:0] bits. The
corresponding DFORMAT_OVR_CLEAR[15:0] bits
must be cleared for further overflows to be
reported.
[0] = Overrange sticky bit for Converter 0
[1] = Overrange sticky bit for Converter 1
[2] = Overrange sticky bit for Converter 2
and so on.
0x0
R
0x19B OVR_STATUS_2
[7:0]
DFORMAT_OVR_
STATUS[23:16]
Output Overrange Status Indicator. Converter
overrange indication sticky bits (active high).
One bit for each virtual converter
0: No overrange occurred.
1: Overrange occurred.
This bit is set to 1 if converter is driven beyond
the specified input range. It is sticky, meaning it
remains set until explicitly cleared by writing a 1
to the corresponding
DFORMAT_OVR_CLEAR[15:0] bits. The
corresponding DFORMAT_OVR_CLEAR[15:0] bits
must be cleared for further overflows to be
reported.
[0] = Overrange sticky bit for Converter 0
[1] = Overrange sticky bit for Converter 1
[2] = Overrange sticky bit for Converter 2
and so on.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com