Electronic Components Datasheet Search
  English  ▼

X  

AD9083BBCZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 6Page - Analog Devices AD9083BBCZ Datasheet HTML 7Page - Analog Devices AD9083BBCZ Datasheet HTML 8Page - Analog Devices AD9083BBCZ Datasheet HTML 9Page - Analog Devices AD9083BBCZ Datasheet HTML 10Page - Analog Devices AD9083BBCZ Datasheet HTML 11Page - Analog Devices AD9083BBCZ Datasheet HTML 12Page - Analog Devices AD9083BBCZ Datasheet HTML 13Page - Analog Devices AD9083BBCZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 93 page
background image
AD9083
Data Sheet
Rev. 0 | Page 10 of 93
DIGITAL SPECIFICATIONS
AVDD = 1.0 V, AVDD1P8= 1.8 V, DVDD = 1.0 V, DVDD1P8 = 1.8 V, VMAX = 1.8 V1, AIN = −2.0 dBFS, −40°C ≤ TJ ≤ +115°C2, mode
details as shown in Table 13, unless otherwise noted. Typical specifications represent performance at TJ = 45°C (TA = 25°C).
Table 12.
Parameter
Min
Typ
Max
Unit
CLOCK INPUTS (CLK+, CLK−)
Differential Input Voltage
300
800
1800
mV p-p
Input Common-Mode Voltage
0.5
V
Input Resistance (Differential)
100
Ω
Input Capacitance
1
pF
SYSREF and TRIG INPUTS (SYSREF+, SYSREF−, TRIG+, AND TRIG−)
Logic Compliance
LVDS
Differential Input Voltage
700
1100
mV p-p
Input Common-Mode Voltage
0.5
V
Input Resistance (Differential)
100
Ω
Input Capacitance (Differential)
1
pF
LOGIC INPUT (SDIO, SCLK, CSB, PD/STBY, AND RSTB)
Logic Compliance
CMOS
Logic 1 Voltage
0.7 × DVDD1P8
V
Logic 0 Voltage
0.3 × DVDD1P8
V
Input Resistance
High impedance
LOGIC OUTPUT (SDIO)
Logic Compliance
CMOS
Logic 1 Voltage (High Output Current (IOH) = 800 µA)
DVDD1P8 – 0.45
V
Logic 0 Voltage (Low Output Current (IOL) = 50 µA)
0.45
V
SYNCINB INPUT (SYNCINB+/SYNCINB−)
Logic Compliance
LVDS
Differential Input Voltage
700
1900
mV p-p
Input Common-Mode Voltage
0.45
V
Input Resistance (Differential)
100
kΩ
Input Capacitance
1
pF
SYNCINB+ INPUT
Logic Compliance
CMOS
Logic 1 Voltage
0.7 × DVDD1P8
V
Logic 0 Voltage
0.3 × DVDD1P8
V
Input Resistance
High impedance
DIGITAL OUTPUTS (SERDOUTx±, x = 0 TO 3)
Standards Compliance
JESD204B
Differential Output Voltage
675
mV p-p
Differential Termination Impedance
80
108
120
Ω
1
VMAX is the programmable maximum ADC input voltage range.
2
The TJ range of −40°C to +115°C translates to an TA range of −65°C to +85°C.
3
16-channel 125 MSPS real output mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com