Electronic Components Datasheet Search
  English  ▼

X  

AXM0F243 Datasheet(PDF) 4 Page - ON Semiconductor

Part # AXM0F243
Description  SoC Ultra-Low Power RF-Microcontroller for RF Carrier Frequencies in the Range 27 - 1050 MHz
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AXM0F243 Datasheet(HTML) 4 Page - ON Semiconductor

  AXM0F243 Datasheet HTML 1Page - ON Semiconductor AXM0F243 Datasheet HTML 2Page - ON Semiconductor AXM0F243 Datasheet HTML 3Page - ON Semiconductor AXM0F243 Datasheet HTML 4Page - ON Semiconductor AXM0F243 Datasheet HTML 5Page - ON Semiconductor AXM0F243 Datasheet HTML 6Page - ON Semiconductor AXM0F243 Datasheet HTML 7Page - ON Semiconductor AXM0F243 Datasheet HTML 8Page - ON Semiconductor AXM0F243 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
AXM0F243
www.onsemi.com
4
BLOCK DIAGRAM
Figure 1. Functional Block Diagram of the AXM0F243
Peripherals
CPU Subsystem
System Interconnect (Single Layer AHB)
I/O Subsystem
Peripheral Interconnect (MMIO)
PCLK
SWD/TC
NVIC, IRQMUX
Cortex
M0+
48 MHz
FAST MUL
FLASH
64 KB
Read Accelerator
SPCIF
SRAM
8 KB
SRAM Controller
19x GPIOs, LCD
DeepSleep
Active/ Sleep
Power Modes
System Resources
Lite
Power
Clock
Reset
Clock Control
IMO
Sleep Control
REF
POR
Reset Control
WIC
XRES
WDT
ILO
PWRSYS
SAR ADC
(12−bit)
x1
CTBm
x1
2x Opamp
Programmable
Analog
High Speed I/O Matrix & 2 x Programmable I/O
AXM0F243
ANTP
ANTN
IF Filter
& AGC
PGAs
AGC
Crystal
Oscillator
typ. 16MHz
Communication Controller &
Radio Interface Controller
LNA
Divider
ADC
Digital IF
Channel
Filter
PA
diff
De-
modulator
Modulator
Mixer
CLK16P
CLK16N
RSSI
Radio configuration
VDDA
Voltage
Regulator
POR, references
RF Frequency
Generation
Subsystem
PA
se
F
OUT
ANTP1
L1
L2
FILT
VDDD
F
XTAL
low power
oscillator
640 Hz/ 10 kHz
Wake on Radio
SYSCLK
VSSA
VSSD
XRES
VCCD
Voltage
Regulator
VDDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com