Electronic Components Datasheet Search
  English  ▼

X  

AXM0F243 Datasheet(PDF) 47 Page - ON Semiconductor

Part # AXM0F243
Description  SoC Ultra-Low Power RF-Microcontroller for RF Carrier Frequencies in the Range 27 - 1050 MHz
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AXM0F243 Datasheet(HTML) 47 Page - ON Semiconductor

Back Button AXM0F243 Datasheet HTML 43Page - ON Semiconductor AXM0F243 Datasheet HTML 44Page - ON Semiconductor AXM0F243 Datasheet HTML 45Page - ON Semiconductor AXM0F243 Datasheet HTML 46Page - ON Semiconductor AXM0F243 Datasheet HTML 47Page - ON Semiconductor AXM0F243 Datasheet HTML 48Page - ON Semiconductor AXM0F243 Datasheet HTML 49Page - ON Semiconductor AXM0F243 Datasheet HTML 50Page - ON Semiconductor AXM0F243 Datasheet HTML 51Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 53 page
background image
AXM0F243
www.onsemi.com
47
Using an External VCO
Figure 16. Typical Application Diagram with External VCO
VCO
VDDA
VSSA
ANTP
ANTN
ANTP1
VSSA
VDDA
XRES
P0.6
P0.5
P0.4
P0.2
P0.1
VSSA
P0.0
AXM0F243
P4.3
100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com