Electronic Components Datasheet Search
  English  ▼

X  

AXM0F243 Datasheet(PDF) 44 Page - ON Semiconductor

Part # AXM0F243
Description  SoC Ultra-Low Power RF-Microcontroller for RF Carrier Frequencies in the Range 27 - 1050 MHz
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AXM0F243 Datasheet(HTML) 44 Page - ON Semiconductor

Back Button AXM0F243 Datasheet HTML 40Page - ON Semiconductor AXM0F243 Datasheet HTML 41Page - ON Semiconductor AXM0F243 Datasheet HTML 42Page - ON Semiconductor AXM0F243 Datasheet HTML 43Page - ON Semiconductor AXM0F243 Datasheet HTML 44Page - ON Semiconductor AXM0F243 Datasheet HTML 45Page - ON Semiconductor AXM0F243 Datasheet HTML 46Page - ON Semiconductor AXM0F243 Datasheet HTML 47Page - ON Semiconductor AXM0F243 Datasheet HTML 48Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
AXM0F243
www.onsemi.com
44
Using the Single−ended PA
Figure 13. Typical Application Diagram with Single−ended Antenna, Single−ended Internal PA,
without RX/TX Switch
50 W
VDDA
VSSA
ANTP
ANTN
ANTP1
VSSA
VDDA
XRES
P0.6
P0.5
P0.4
P0.2
P0.1
VSSA
P0.0
AXM0F243
P4.3
100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com