Electronic Components Datasheet Search
  English  ▼

X  

AXM0F243 Datasheet(PDF) 18 Page - ON Semiconductor

Part # AXM0F243
Description  SoC Ultra-Low Power RF-Microcontroller for RF Carrier Frequencies in the Range 27 - 1050 MHz
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AXM0F243 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button AXM0F243 Datasheet HTML 14Page - ON Semiconductor AXM0F243 Datasheet HTML 15Page - ON Semiconductor AXM0F243 Datasheet HTML 16Page - ON Semiconductor AXM0F243 Datasheet HTML 17Page - ON Semiconductor AXM0F243 Datasheet HTML 18Page - ON Semiconductor AXM0F243 Datasheet HTML 19Page - ON Semiconductor AXM0F243 Datasheet HTML 20Page - ON Semiconductor AXM0F243 Datasheet HTML 21Page - ON Semiconductor AXM0F243 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
AXM0F243
www.onsemi.com
18
Table 18. 10−BIT CSD ADC SPECIFICATIONS
Parameter
Details/ Conditions
Units
Max
Typ
Min
Description
A_PSRR
Power supply rejection ratio
–
60
–
dB
In VREF (2.4 V) mode with
VDDD bypass capacitance
of 10 mF
A_TACQ
Sample acquisition time
–
1
–
ms
A_CONV8
Conversion time for 8−bit resolution at conversion rate =
Fhclk/(2^(N+2)).
Clock frequency = 48 MHz.
–
–
21.3
ms
Does not include acqui−
sition time. Equivalent to
44.8 ksps including acqui-
sition time.
A_CONV10
Conversion time for 10−bit resolution at conversion rate =
Fhclk/(2^(N+2)).
Clock frequency = 48 MHz.
–
–
85.3
ms
Does not include acqui−
sition time. Equivalent to
11.6 ksps including acqui-
sition time.
A_SND
Signal−to−noise and Distortion ratio (SINAD)
–
61
–
dB
With 10−Hz input sine
wave, external 2.4−V refer-
ence, VREF (2.4 V) mode
A_BW
Input bandwidth without aliasing
–
–
22.4
KHz 8−bit resolution
A_INL
Integral Non Linearity. 1 ksps
–
–
2
LSB VREF = 2.4 V or greater
A_DNL
Differential Non Linearity. 1 ksps
–
–
1
LSB
Digital Peripherals
Timer Counter Pulse−Width Modulator (TCPWM)
Table 19. TCPWM SPECIFICATIONS
Parameter
Description
Min
Typ
Max
Units
Details/ Conditions
ITCPWM1
Block current consumption at 3 MHz
–
–
45
mA
All modes (TCPWM)
ITCPWM2
Block current consumption at 12 MHz
–
–
155
All modes (TCPWM)
ITCPWM3
Block current consumption at 48 MHz
–
–
650
All modes (TCPWM)
TCPWMFREQ
Operating frequency
–
–
Fc
MHz
Fc max = CLK_SYS Maxi-
mum = 48 MHz
TPWMENEXT
Input trigger pulse width
2/Fc
–
–
ns
For all trigger events [7]
TPWMEXT
Output trigger pulse widths
2/Fc
–
–
Minimum possible width of
Overflow, Underflow, and
CC (Counter equals Com-
pare value) outputs
TCRES
Resolution of counter
1/Fc
–
–
Minimum time between
successive counts
PWMRES
PWM resolution
1/Fc
–
–
Minimum pulse width of
PWM Output
QRES
Quadrature inputs resolution
1/Fc
–
–
Minimum pulse width be-
tween Quadrature phase
inputs
7. Trigger events can be Stop, Start, Reload, Count, Capture, or Kill depending on which mode of operation is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com