Electronic Components Datasheet Search
  English  ▼

X  

AXM0F243 Datasheet(PDF) 34 Page - ON Semiconductor

Part # AXM0F243
Description  SoC Ultra-Low Power RF-Microcontroller for RF Carrier Frequencies in the Range 27 - 1050 MHz
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AXM0F243 Datasheet(HTML) 34 Page - ON Semiconductor

Back Button AXM0F243 Datasheet HTML 30Page - ON Semiconductor AXM0F243 Datasheet HTML 31Page - ON Semiconductor AXM0F243 Datasheet HTML 32Page - ON Semiconductor AXM0F243 Datasheet HTML 33Page - ON Semiconductor AXM0F243 Datasheet HTML 34Page - ON Semiconductor AXM0F243 Datasheet HTML 35Page - ON Semiconductor AXM0F243 Datasheet HTML 36Page - ON Semiconductor AXM0F243 Datasheet HTML 37Page - ON Semiconductor AXM0F243 Datasheet HTML 38Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
AXM0F243
www.onsemi.com
34
Registers
Table 46. RF FREQUENCY GENERATION REGISTERS
Register
Bits
Purpose
AX5043_PLLLOOP
AX5043_PLLLOOPBOOST
FLT[1:0]
Synthesizer loop filter bandwidth and selection of external loop filter, recommended usage is to
increase the bandwidth for faster settling time, bandwidth increases of factor 2 and 5 are possi-
ble.
AX5043_PLLCPI
AX5043_PLLCPIBOOST
Synthesizer charge pump current, recommended usage is to decrease the bandwidth (and
improve the phase−noise) for low data−rate transmissions.
AX5043_PLLVCODIV
REFDIV
Sets the synthesizer reference divider ratio.
RFDIV
Sets the synthesizer output divider ratio.
VCOSEL
Selects either the internal or the external VCO
VCO2INT Selects either the internal VCO inductor or an external inductor between pins L1 and L2
AX5043_FREQA, AX5043_FREQB
Programming of the carrier frequency
AX5043_PLLRANGINGA,
AX5043_PLLRANGINGB
Initiate VCO auto−ranging and check results
RF Input and Output Stage (ANTP/ANTN/ANTP1)
The AXM0F243 has two main antenna interface modes:
1. Both RX and TX use differential pins ANTP and
ANTN. RX/TX switching is handled internally.
This mode is recommended for highest output
powers, highest sensitivities and for direct
connection to dipole antennas. Also see Figure 10.
2. RX uses the differential antenna pins ANTP and
ANTN. TX uses the single ended antenna pin
ANTP1. RX/TX switching is handled externally.
This can be done either with an external RX/TX
switch or with a direct tie configuration. This
mode is recommended for low output powers at
high efficiency Figure 13 and for usage with
external power amplifiers Figure 12.
When antenna diversity is enabled, the radio controller
will, when not in the middle of receiving a packet,
periodically probe both antennas and select the antenna with
the highest signal strength. The radio controller can be
instructed to periodically write both RSSI values into the
FIFO. Antenna diversity mode is fully automatic.
LNA
The LNA amplifies the differential RF signal from the
antenna and buffers it to drive the I/Q mixer. An external
matching network is used to adapt the antenna impedance to
the IC impedance. A DC feed to GND must be provided at
the antenna pins.
PA
In TX mode the PA drives the signal generated by the
frequency generation subsystem out to either the differential
antenna terminals or to the single ended antenna pin. The
antenna terminals are chosen via the bits TXDIFF and TXSE
in register AX5043_MODECFGA.
The output power of the PA is programmed via the register
AX5043_TXPWRCOEFFB.
The PA can be digitally pre−distorted for high linearity.
The output amplitude can be shaped (raised cosine), this
mode is selected with bit AMPLSHAPE in register
AX5043_MODECFGA PA ramping is programmable in
increments of the bit time and can be set to 1 – 8 bit times via
bits SLOWRAMP in register AX5043_MODECFGA
.
Output power as well as harmonic content will depend on
the external impedance seen by the PA.
Digital IF Channel Filter and Demodulator
The digital IF channel filter and the demodulator extract
the data bit−stream from the incoming IF signal. They must
be programmed to match the modulation scheme as well as
the data−rate. Inaccurate programming will lead to loss of
sensitivity.
The channel filter offers bandwidths of 995 Hz up to
221 kHz.
The RadioLab Software calculates the necessary register
settings for optimal performance. An overview of the
registers involved is given in the following table as
reference, for details see the AX5043 Programming
Manual. The register setups typically must be done once at
power−up of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com