Electronic Components Datasheet Search
  English  ▼

X  

AXM0F243 Datasheet(PDF) 28 Page - ON Semiconductor

Part # AXM0F243
Description  SoC Ultra-Low Power RF-Microcontroller for RF Carrier Frequencies in the Range 27 - 1050 MHz
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AXM0F243 Datasheet(HTML) 28 Page - ON Semiconductor

Back Button AXM0F243 Datasheet HTML 24Page - ON Semiconductor AXM0F243 Datasheet HTML 25Page - ON Semiconductor AXM0F243 Datasheet HTML 26Page - ON Semiconductor AXM0F243 Datasheet HTML 27Page - ON Semiconductor AXM0F243 Datasheet HTML 28Page - ON Semiconductor AXM0F243 Datasheet HTML 29Page - ON Semiconductor AXM0F243 Datasheet HTML 30Page - ON Semiconductor AXM0F243 Datasheet HTML 31Page - ON Semiconductor AXM0F243 Datasheet HTML 32Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
AXM0F243
www.onsemi.com
28
Table 44. RECEIVER AND TRANSMITTER SETTLING PHASES
Symbol
Description
Condition
Min
Typ
Max
Units
Txtal
XTAL settling time
Powermodes:
POWERDOWN to STANDBY
Note that Txtal depends on the specific
crystal used.
0.5
ms
Tsynth
Synthesizer settling time
Powermodes:
STANDBY to SYNTHTX or SYNTHRX
40
ms
Ttx
TX settling time
Powermodes:
SYNTHTX to FULLTX
Ttx is the time used for power ramping, this
can be programmed to be 1 x tbit, 2 x tbit,
4 x tbit or 8 x tbit.
Note 1
0
1 x tbit
8 x tbit
ms
Trx_init
RX initialization time
150
ms
Trx_rssi
RX RSSI acquisition time
(after Trx_init)
Powermodes:
SYNTHRX to FULLRX
Modulation (G)FSK
Note 1
80 +
3 x tbit
ms
Trx_preamble
RX signal acquisition time to
valid data RX at full sensitivi-
ty/selectivity (after Trx_init)
9 x tbit
1. tbit depends on the datarate, e.g. for 10 kbps tbit = 100 ms
Table 45. OVERALL STATE TRANSITION TIMES
Symbol
Description
Condition
Min
Typ
Max
Units
Ttx_on
TX startup time
Powermodes:
STANDBY to FULLTX
Note 1
40
40 + 1 x tbit
ms
Trx_on
RX startup time
Powermodes:
STANDBY to FULLRX
190
ms
Trx_rssi
RX startup time to valid RSSI
Powermodes:
STANDBY to FULLRX
Modulation (G)FSK
Note 1
270 +
3 x tbit
ms
Trx_data
RX startup time to valid data at full
sensitivity/selectivity
190 +
9 x tbit
ms
Trxtx
RX to TX switching
Powermodes:
FULLRX to FULLTX
62
ms
Ttxrx
TX to RX switching
(to preamble start)
Powermodes:
FULLTX to FULLRX
200
Thop
Frequency hop
Switch between frequency de-
fined in register AX5043_FRE-
QA and AX5043_FREQB
30
ms
1. tbit depends on the datarate, e.g. for 10 kbps tbit = 100 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com