Electronic Components Datasheet Search
  English  ▼

X  

AXM0F243 Datasheet(PDF) 38 Page - ON Semiconductor

Part # AXM0F243
Description  SoC Ultra-Low Power RF-Microcontroller for RF Carrier Frequencies in the Range 27 - 1050 MHz
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AXM0F243 Datasheet(HTML) 38 Page - ON Semiconductor

Back Button AXM0F243 Datasheet HTML 34Page - ON Semiconductor AXM0F243 Datasheet HTML 35Page - ON Semiconductor AXM0F243 Datasheet HTML 36Page - ON Semiconductor AXM0F243 Datasheet HTML 37Page - ON Semiconductor AXM0F243 Datasheet HTML 38Page - ON Semiconductor AXM0F243 Datasheet HTML 39Page - ON Semiconductor AXM0F243 Datasheet HTML 40Page - ON Semiconductor AXM0F243 Datasheet HTML 41Page - ON Semiconductor AXM0F243 Datasheet HTML 42Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
AXM0F243
www.onsemi.com
38
Table 52. PWRMODE REGISTER
AX5043_PWRMODE
Register
Description
Name
1000
SYNTHRX
The synthesizer is running on the receive frequency. Transmitter and receiver are still off.
This mode is used to let the synthesizer settle on the correct frequency for receive.
1001
FULLRX
Synthesizer and receiver are running.
1011
WOR
Receiver wakeup−on−radio mode.
The mode the same as POWERDOWN, but the 640 Hz internal low power oscillator is
running.
1100
SYNTHTX
The synthesizer is running on the transmit frequency. Transmitter and receiver are still off.
This mode is used to let the synthesizer settle on the correct frequency for transmit.
1101
FULLTX
Synthesizer and transmitter are running. Do not switch into this mode before the synthesiz-
er has completely settled on the transmit frequency (in SYNTHTX mode), otherwise spuri-
ous spectral transmissions will occur.
Table 53. A TYPICAL AX5043_PWRMODE SEQUENCE FOR A TRANSMIT SESSION
Step
PWRMODE
Remarks
1
POWERDOWN
2
STANDBY
The settling time is dominated by the crystal used, typical value 3ms.
3
FULLTX
Data transmission
4
POWERDOWN
Table 54. A TYPICAL AX5043_PWRMODE SEQUENCE FOR A RECEIVE SESSION
Step
PWRMODE [3:0]
Remarks
1
POWERDOWN
2
STANDBY
The settling time is dominated by the crystal used, typical value 3ms.
3
FULLRX
Data reception
4
POWERDOWN
Voltage Regulator
The AXM0F243 transceiver uses its own dedicated
on−chip voltage regulator system to create stable supply
voltages for the internal circuitry from the primary supply
VDD_IO. The I/O level of the digital pins is VDD_IO.
Pins VDD_ANA are supplied for external decoupling of
the power supply used for the on−chip PA.
The voltage regulator system must be set into the
appropriate state before receive or transmit operations can
be initiated. This is handled automatically when
programming
the
device
modes
via
the
AX5043_PWRMODE register.
Register AX5043_POWSTAT contains status bits that
can be read to check if the regulated voltages are ready (bit
SVIO) or if VDD_IO has dropped below the brown−out
level of 1.3 V (bit SSUM).
In power−down mode the core supply voltages for digital
and analog functions are switched off to minimize leakage
power. Most register contents are preserved but access to the
FIFO is not possible and FIFO contents are lost.
In deep−sleep mode all supply voltages are switched off.
All digital and analog functions are disabled. All register
contents are lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com