Electronic Components Datasheet Search
  English  ▼

X  

AXM0F243 Datasheet(PDF) 16 Page - ON Semiconductor

Part # AXM0F243
Description  SoC Ultra-Low Power RF-Microcontroller for RF Carrier Frequencies in the Range 27 - 1050 MHz
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AXM0F243 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button AXM0F243 Datasheet HTML 12Page - ON Semiconductor AXM0F243 Datasheet HTML 13Page - ON Semiconductor AXM0F243 Datasheet HTML 14Page - ON Semiconductor AXM0F243 Datasheet HTML 15Page - ON Semiconductor AXM0F243 Datasheet HTML 16Page - ON Semiconductor AXM0F243 Datasheet HTML 17Page - ON Semiconductor AXM0F243 Datasheet HTML 18Page - ON Semiconductor AXM0F243 Datasheet HTML 19Page - ON Semiconductor AXM0F243 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
AXM0F243
www.onsemi.com
16
Table 16. SAR SPECIFICATIONS
A_DNL
Differential non linearity. VDD = 1.8 V to 3.6 V, 1 Msps
–1
–
2
LSB
VREF = 1.8 V to VDD
A_DNL
Differential non linearity. VDD = 1.8 V to 3.6 V, 500 ksps
–1
–
2.2
LSB
VREF = 1 V to VDD
A_THD
Total harmonic distortion
–
–
–65
dB
Fin = 10 kHz
FSARINTRE F SAR operating speed without external ref. bypass
–
–
100
ksps
12−bit resolution
Table 17. CSD AND IDAC SPECIFICATIONS
Parameter
Description
Min
Typ
Max
Units
Details / Conditions
VDD_RIPPLE
Max allowed ripple on power supply, DC to 10
MHz
–
–
±50
mV
VDD > 2 V (with ripple),
25°C TA, Sensitivity =
0.1 pF
VDD_RIPPLE_1.8 Max allowed ripple on power supply, DC to 10
MHz
–
–
±25
mV
VDD > 1.75 V (with ripple),
25°C TA, Parasitic Capaci−
tance (CP) < 20 pF, Sensi-
tivity ≥ 0.4 pF
ICSD
Maximum block current
–
–
4000
mA
Maximum block current for
both IDACs in dynamic
(switching) mode including
comparators, buffer, and
reference generator.
VREF
Voltage reference for CSD and Comparator
0.6
1.2
VDDD − 0.6
V
VDDD − 0.06 or 4.4,
whichever is lower
VREF_EXT
External Voltage reference for CSD and Com-
parator
0.6
VDDD − 0.6
V
VDDD − 0.06 or 4.4,
whichever is lower
IDAC1IDD
IDAC1 (7−bits) block current
–
–
1750
mA
IDAC2IDD
IDAC2 (7−bits) block current
–
–
1750
mA
VCSD
Voltage range of operation
1.8
–
3.6
V
VCOMPIDAC
Voltage compliance range of IDAC
0.6
–
VDDD –0.6
V
VDDD − 0.06 or 4.4,
whichever is lower
IDAC1DNL
DNL
–1
–
1
LSB
IDAC1INL
INL
–2
–
2
LSB
INL is ±5.5 LSB for VDDD
< 2 V
IDAC2DNL
DNL
–1
–
1
LSB
IDAC2INL
INL
–2
–
2
LSB
INL is ±5.5 LSB for VDDD
< 2 V
SNR
Ratio of counts of finger to noise. Guaranteed by
characterization
5
–
–
Ratio
Capacitance range of 5 to
35 pF, 0.1−pF sensitivity.
All use cases. VDDD > 2 V.
IDAC1CRT1
Output current of IDAC1 (7 bits) in low range
4.2
–
5.4
mA
LSB = 37.5−nA typ.
IDAC1CRT2
Output current of IDAC1(7 bits) in medium range
34
–
41
mA
LSB = 300−nA typ.
IDAC1CRT3
Output current of IDAC1(7 bits) in high range
275
–
330
mA
LSB = 2.4−mA typ.
IDAC1CRT12
Output current of IDAC1 (7 bits) in low range, 2X
mode
8
–
10.5
mA
LSB = 75−nA typ.
IDAC1CRT22
Output current of IDAC1(7 bits) in medium
range, 2X mode
69
–
82
mA
LSB = 600−nA typ.
IDAC1CRT32
Output current of IDAC1(7 bits) in high range,
2X mode
540
–
660
mA
LSB = 4.8−mA typ.
IDAC2CRT1
Output current of IDAC2 (7 bits) in low range
4.2
–
5.4
mA
LSB = 37.5−nA typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com