Electronic Components Datasheet Search
  English  ▼

X  

AXM0F243 Datasheet(PDF) 30 Page - ON Semiconductor

Part # AXM0F243
Description  SoC Ultra-Low Power RF-Microcontroller for RF Carrier Frequencies in the Range 27 - 1050 MHz
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AXM0F243 Datasheet(HTML) 30 Page - ON Semiconductor

Back Button AXM0F243 Datasheet HTML 26Page - ON Semiconductor AXM0F243 Datasheet HTML 27Page - ON Semiconductor AXM0F243 Datasheet HTML 28Page - ON Semiconductor AXM0F243 Datasheet HTML 29Page - ON Semiconductor AXM0F243 Datasheet HTML 30Page - ON Semiconductor AXM0F243 Datasheet HTML 31Page - ON Semiconductor AXM0F243 Datasheet HTML 32Page - ON Semiconductor AXM0F243 Datasheet HTML 33Page - ON Semiconductor AXM0F243 Datasheet HTML 34Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
AXM0F243
www.onsemi.com
30
MICROCONTROLLER
CPU and Memory Subsystem
CPU
The Cortex−M0+ CPU in the AXM0F243 is part of the
32−bit MCU subsystem, which is optimized for low−power
operation with extensive clock gating. Most instructions are
16 bits in length and the CPU executes a subset of the
Thumb−2 instruction set. It includes a nested vectored
interrupt controller (NVIC) block with eight interrupt inputs
and also includes a Wakeup Interrupt Controller (WIC). The
WIC can wake the processor from Deep Sleep mode,
allowing power to be switched off to the main processor
when the chip is in Deep Sleep mode.
The CPU also includes a debug interface, the serial wire
debug (SWD) interface, which is a two−wire form of JTAG.
The debug configuration used for AXM0F243 has four
breakpoint (address) comparators and two watchpoint (data)
comparators.
Flash
The AXM0F243 device has a flash module with a flash
accelerator, tightly coupled to the CPU to improve average
access times from the flash block. The low−power flash
block is designed to deliver two wait−state (WS) access time
at 48 MHz. The flash accelerator delivers 85% of
single−cycle SRAM access performance on average.
SRAM
Eight KB of SRAM are provided with zero wait−state
access at 48 MHz.
System Resources
Power System
The power system is described in detail in the section
“Power”. It provides assurance that voltage levels are as
required for each respective mode and either delays mode
entry (for example, on power−on reset (POR)) until voltage
levels are as required for proper functionality, or generates
resets (for example, on brown−out detection). The
AXM0F243 operates with a single external supply over the
range of 1.8 to 3.6 V (internally regulated) and has three
different power modes, transitions between which are
managed by the power system. The AXM0F243 provides
Active, Sleep, and Deep Sleep low−power modes.
All subsystems are operational in Active mode. The CPU
subsystem (CPU, flash, and SRAM) is clock−gated off in
Sleep mode, while all peripherals and interrupts are active
with instantaneous wake−up on a wake−up event. In Deep
Sleep mode, the high−speed clock and associated circuitry
is switched off; wake−up from this mode takes 35
ms. The
opamps can remain operational in Deep Sleep mode.
Clock System
The AXM0F243 clock system is responsible for
providing clocks to all subsystems that require clocks and
for switching between different clock sources without
glitching. In addition, the clock system ensures that there are
no metastable conditions.
The clock system for the AXM0F243 consists of the
internal main oscillator (IMO), internal low−frequency
oscillator (ILO), a 32 kHz Watch Crystal Oscillator (WCO)
and provision for an external clock. Clock dividers are
provided to generate clocks for peripherals on a
fine−grained basis. Fractional dividers are also provided to
enable clocking of higher data rates for UARTs.
Figure 5. AXM0F243 MCU Clocking Architecture
The HFCLK signal can be divided down to generate
synchronous clocks for the analog and digital peripherals.
There are eight clock dividers for the AXM0F243; two of
those are fractional dividers. The 16−bit capability allows
flexible generation of fine−grained frequency values.
The IMO is the primary source of internal clocking in the
AXM0F243. It is trimmed during testing to achieve the
specified accuracy.The IMO default frequency is 24 MHz
and it can be adjusted from 24 to 48 MHz in steps of 4 MHz.
The IMO tolerance with provided calibration settings is
±2%.
ILO Clock Source
The ILO is a very low power, nominally 40−kHz
oscillator, which is primarily used to generate clocks for the
watchdog timer (WDT) and peripheral operation in Deep
Sleep mode.
Watch Crystal Oscillator (WCO)
The AXM0F243 clock subsystem also implements a
low−frequency (32−kHz watch crystal) oscillator that can be
used for precision timing applications.
Watchdog Timer
A watchdog timer is implemented in the clock block
running from the ILO; this allows watchdog operation
during Deep Sleep and generates a watchdog reset if not
serviced before the set timeout occurs. The watchdog reset
is recorded in a Reset Cause register, which is firmware
readable.
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com