Electronic Components Datasheet Search
  English  ▼

X  

AXM0F243 Datasheet(PDF) 23 Page - ON Semiconductor

Part # AXM0F243
Description  SoC Ultra-Low Power RF-Microcontroller for RF Carrier Frequencies in the Range 27 - 1050 MHz
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AXM0F243 Datasheet(HTML) 23 Page - ON Semiconductor

Back Button AXM0F243 Datasheet HTML 19Page - ON Semiconductor AXM0F243 Datasheet HTML 20Page - ON Semiconductor AXM0F243 Datasheet HTML 21Page - ON Semiconductor AXM0F243 Datasheet HTML 22Page - ON Semiconductor AXM0F243 Datasheet HTML 23Page - ON Semiconductor AXM0F243 Datasheet HTML 24Page - ON Semiconductor AXM0F243 Datasheet HTML 25Page - ON Semiconductor AXM0F243 Datasheet HTML 26Page - ON Semiconductor AXM0F243 Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
AXM0F243
www.onsemi.com
23
Table 39. RF FREQUENCY GENERATION SUBSYSTEM (SYNTHESIZER)
Symbol
Description
Condition
Min
Typ
Max
Units
fREF
Reference frequency
The reference frequency must be chosen
so that the RF carrier frequency is not an
integer multiple of the reference frequency
10
16
50
MHz
Dividers
NDIVref
Reference divider ratio range
Controlled directly with bits REFDIV in reg-
ister AX5043_PLLVCODIV
20
23
NDIVm
Main divider ratio range
Controlled indirectly with register
AX5043_FREQ
4.5
66.5
NDIVRF
RF divider range
Controlled directly with bit RFDIV in regis-
ter AX5043_ PLLVCODIV
1
2
Charge Pump
ICP
Charge pump current
Programmable in increments of 8.5 mA via
register AX5043_PLLCPI
8.5
2168
mA
Internal VCO (VCOSEL = 0)
fRF
RF frequency range
RFDIV = 1
400
525
MHz
RFDIV = 0
800
1050
fstep
RF frequency step
RFDIV = 1
fREF = 16.000000 MHz
0.98
Hz
BW
Synthesizer loop bandwidth
The synthesizer loop bandwidth an start−
up time can be programmed with the reg-
isters AX5043_PLLLOOP and
AX5043_PLLCPI.
For recommendations see the AX5043
Programming Manual, the AX−RadioLab
software and AX5043 Application Notes
on compliance with regulatory regimes.
50
500
kHz
Tstart
Synthesizer start−up time if crystal
oscillator and reference are running
5
25
ms
PN868
Synthesizer phase noise 868 MHz
fREF = 48 MHz
10 kHz from carrier
−95
dBc/Hz
1 MHz from carrier
−120
PN433
Synthesizer phase noise 433 MHz
fREF = 48 MHz
10 kHz from carrier
−105
dBc/Hz
1 MHz from carrier
−120
VCO with external inductors (VCOSEL = 1, VCO2INT = 1)
fRFrng_lo
RF frequency range
For choice of Lext values as well as
VCO gains see Figure 3 and
Figure 4
RFDIV = 1
27
262
MHz
fRFrng_hi
RFDIV = 0
54
525
PN169
Synthesizer phase noise 169 MHz
Lext=47 nH (wire wound 0603)
AX5043_RFDIV = 0, fREF= 16 MHz
Note: phase noises can be im-
proved with higher fREF
10 kHz from carrier
−97
dBc/Hz
1 MHz from carrier
−115
External VCO (VCOSEL = 1, VCO2INT = 0)
fRF
RF frequency range fully external
VCO
Note: The external VCO frequency needs
to be 2 x fRF
27
1000
MHz
Vamp
Differential input amplitude at L1, L2
terminals
0.7
V
VinL
Input voltage levels at L1, L2 termi-
nals
0
1.8
V
Vctrl
Control voltage range
Available at FILT in external loop filter
mode
0
1.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com