Electronic Components Datasheet Search
  English  ▼

X  

AXM0F243 Datasheet(PDF) 12 Page - ON Semiconductor

Part # AXM0F243
Description  SoC Ultra-Low Power RF-Microcontroller for RF Carrier Frequencies in the Range 27 - 1050 MHz
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AXM0F243 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button AXM0F243 Datasheet HTML 8Page - ON Semiconductor AXM0F243 Datasheet HTML 9Page - ON Semiconductor AXM0F243 Datasheet HTML 10Page - ON Semiconductor AXM0F243 Datasheet HTML 11Page - ON Semiconductor AXM0F243 Datasheet HTML 12Page - ON Semiconductor AXM0F243 Datasheet HTML 13Page - ON Semiconductor AXM0F243 Datasheet HTML 14Page - ON Semiconductor AXM0F243 Datasheet HTML 15Page - ON Semiconductor AXM0F243 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
AXM0F243
www.onsemi.com
12
Table 12. CTBm OPAMP SPECIFICATIONS
Parameter
Details/ Conditions
Units
Max
Typ
Min
Description
IOUT_MAX_HI
power=hi
4
–
–
mA
Output is 0.5 V
VDDD−0.5 V
IOUT_MAX_MID
power=mid
4
–
–
Output is 0.5 V
VDDD−0.5 V
IOUT_MAX_LO
power=lo
–
2
–
Output is 0.5 V
VDDD−0.5 V
IDD_Int
Opamp block current Internal Load
IDD_HI_Int
power=hi
–
1500
−
mA
–
IDD_MED_Int
power=med
–
700
−
–
IDD_LOW_Int
power=lo
–
–
–
–
GBW
VDDD = 2.7 V
–
–
–
–
GBW_HI_Int
power=hi
8
–
–
MHz
Output is 0.25 V to
VDDD−0.25 V
General opamp specs for both internal and ex-
ternal modes
VIN
Charge−pump on, VDDD = 2.7 V
–0.05
–
VDDD−0.2
V
–
VCM
Charge−pump on, VDDD = 2.7 V
–0.05
–
VDDD−0.2
–
VOUT
VDDD = 2.7 V
VOUT_1
power=hi, Iload=10 mA
0.5
–
VDDD −0.5
V
–
VOUT_2
power=hi, Iload=1 mA
0.2
–
VDDD −0.2
–
VOUT_3
power=med, Iload=1 mA
0.2
–
VDDD −0.2
–
VOUT_4
power=lo, Iload=0.1 mA
0.2
–
VDDD −0.2
–
VOS_TR
Offset voltage, trimmed
–1.0
±0.5
1.0
mV
High mode, input 0 V to
VDDD−0.2 V
VOS_TR
Offset voltage, trimmed
–
±1
–
Medium mode, input 0 V
to VDDD−0.2 V
VOS_TR
Offset voltage, trimmed
–
±2
–
Low mode, input 0 V to
VDDD−0.2 V
VOS_DR_TR
Offset voltage drift, trimmed
–10
±3
10
mV/C
High mode
VOS_DR_TR
Offset voltage drift, trimmed
–
±10
–
mV/C
Medium mode
VOS_DR_TR
Offset voltage drift, trimmed
–
±10
–
Low mode
CMRR
DC
70
80
–
dB
Input is 0 V to VDDD−0.2
V, Output is 0.2 V to
VDDD−0.2 V
PSRR
At 1 kHz, 10−mV ripple
70
85
–
VDDD = 3.6 V, high−power
mode, input is 0.2 V to
VDDD−0.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com