Electronic Components Datasheet Search
  English  ▼

X  

AXM0F243 Datasheet(PDF) 31 Page - ON Semiconductor

Part # AXM0F243
Description  SoC Ultra-Low Power RF-Microcontroller for RF Carrier Frequencies in the Range 27 - 1050 MHz
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AXM0F243 Datasheet(HTML) 31 Page - ON Semiconductor

Back Button AXM0F243 Datasheet HTML 27Page - ON Semiconductor AXM0F243 Datasheet HTML 28Page - ON Semiconductor AXM0F243 Datasheet HTML 29Page - ON Semiconductor AXM0F243 Datasheet HTML 30Page - ON Semiconductor AXM0F243 Datasheet HTML 31Page - ON Semiconductor AXM0F243 Datasheet HTML 32Page - ON Semiconductor AXM0F243 Datasheet HTML 33Page - ON Semiconductor AXM0F243 Datasheet HTML 34Page - ON Semiconductor AXM0F243 Datasheet HTML 35Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
AXM0F243
www.onsemi.com
31
The AXM0F243 can be reset from a variety of sources
including a software reset. Reset events are asynchronous
and guarantee reversion to a known state. The reset cause is
recorded in a register, which is sticky through reset and
allows software to determine the cause of the reset. An
XRES pin is reserved for external reset by asserting it active
low. The XRES pin has an internal pull−up resistor that is
always enabled.
Analog Blocks
12−bit SAR ADC
The 12−bit, 1−Msps SAR ADC can operate at a maximum
clock rate of 18 MHz and requires a minimum of 18 clocks
at that frequency to do a 12−bit conversion.
The Sample−and−Hold (S/H) aperture is programmable
allowing the gain bandwidth requirements of the amplifier
driving the SAR inputs, which determine its settling time, to
be relaxed if required. It is possible to provide an external
bypass (through a fixed pin location) for the internal
reference amplifier.
The SAR is not available in Deep Sleep mode as it requires
a high−speed clock (up to 18 MHz). The SAR operating
range is 1.8 V to 3.6 V.
Two Opamps (Continuous−Time Block; CTB)
The AXM0F243 has two opamps with Comparator modes
which allow most common analog functions to be
performed on−chip eliminating external components;
PGAs, Voltage Buffers, Filters, Trans−Impedance
Amplifiers, and other functions can be realized, in some
cases with external passives. saving power, cost, and space.
The on−chip opamps are designed with enough bandwidth
to drive the Sample−and−Hold circuit of the ADC without
requiring external buffering.
Low−power Comparator (LPC)
The AXM0F243 has a low−power comparator, which can
also operate in Deep Sleep modes. This allows the analog
system blocks to be disabled while retaining the ability to
monitor external voltage levels during low−power modes.
The comparator outputs are normally synchronized to avoid
metastability unless operating in an asynchronous power
mode where the system wake−up circuit is activated by a
comparator switch event. The LPC outputs can be routed to
pins.
Current DACs
The AXM0F243 has two IDACs, which can drive any of
the pins on the chip. These IDACs have programmable
current ranges.
Analog Multiplexed Buses
The AXM0F243 has two concentric independent buses
that go around the periphery of the chip. These buses (called
amux buses) are connected to firmware−programmable
analog switches that allow the chip’s internal resources
(IDACs, comparator) to connect to any pin on the I/O Ports.
Programmable Digital Blocks
The Programmable I/O (Smart I/O) block is a fabric of
switches and LUTs that allows Boolean functions to be
performed in signals being routed to the pins of a GPIO port.
The Smart I/O can perform logical operations on input pins
to the chip and on signals going out as outputs.
Fixed Function Digital
Timer/Counter/PWM (TCPWM) Block
The TCPWM block consists of a 16−bit counter with
user−programmable period length. There is a capture
register to record the count value at the time of an event
(which may be an I/O event), a period register that is used to
either stop or auto−reload the counter when its count is equal
to the period register, and compare registers to generate
compare value signals that are used as PWM duty cycle
outputs. The block also provides true and complementary
outputs with programmable offset between them to allow
use as dead−band programmable complementary PWM
outputs. It also has a Kill input to force outputs to a
predetermined state; for example, this is used in motor drive
systems when an over−current state is indicated and the
PWM driving the FETs needs to be shut off immediately
with no time for software intervention. There are five
TCPWM blocks in the AXM0F243.
Serial Communication Block (SCB)
The AXM0F243 has three serial communication blocks,
which can be programmed to have SPI, I2C, or UART
functionality.
I2C Mode: The hardware I2C block implements a full
multi−master and slave interface (it is capable of
multi−master arbitration). This block is capable of operating
at speeds of up to 400 kbps (Fast Mode) and has flexible
buffering options to reduce interrupt overhead and latency
for the CPU. It also supports EZI2C that creates a mailbox
address range in the memory of the AXM0F243 and
effectively reduces I2C communication to reading from and
writing to an array in memory. In addition, the block
supports an 8−deep FIFO for receive and transmit which, by
increasing the time given for the CPU to read data, greatly
reduces the need for clock stretching caused by the CPU not
having read data on time.
The I2C peripheral is compatible with the I2C
Standard−mode and Fast−mode devices as defined in the
NXP I2C−bus specification and user manual (UM10204).
The I2C bus I/O is implemented with GPIO in open−drain
modes.
The AXM0F243 is not completely compliant with the I2C
spec in the following respect:
• GPIO cells are not overvoltage tolerant and, therefore,
cannot be hot−swapped or powered up independently of
the rest of the I2C system.
UART Mode: This is a full−feature UART operating at up
to 1 Mbps. It supports automotive single−wire interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com