Electronic Components Datasheet Search
  English  ▼

X  

AXM0F243 Datasheet(PDF) 1 Page - ON Semiconductor

Part # AXM0F243
Description  SoC Ultra-Low Power RF-Microcontroller for RF Carrier Frequencies in the Range 27 - 1050 MHz
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AXM0F243 Datasheet(HTML) 1 Page - ON Semiconductor

  AXM0F243 Datasheet HTML 1Page - ON Semiconductor AXM0F243 Datasheet HTML 2Page - ON Semiconductor AXM0F243 Datasheet HTML 3Page - ON Semiconductor AXM0F243 Datasheet HTML 4Page - ON Semiconductor AXM0F243 Datasheet HTML 5Page - ON Semiconductor AXM0F243 Datasheet HTML 6Page - ON Semiconductor AXM0F243 Datasheet HTML 7Page - ON Semiconductor AXM0F243 Datasheet HTML 8Page - ON Semiconductor AXM0F243 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
© Semiconductor Components Industries, LLC, 2018
March, 2020 − Rev. 2
1
Publication Order Number:
AXM0F243/D
SoC Ultra-Low Power
RF-Microcontroller for RF
Carrier Frequencies in the
Range 27 - 1050 MHz
AXM0F243
OVERVIEW
Features
System−on−Chip (SoC) Ultra−low Power Advanced
Narrow−band
RF−microcontroller
for
Wireless
Communication Applications
• QFN40 Package
• Supply Range 1.8 V − 3.6 V
• −40°C to 85°C
• Deep Sleep Mode with Operational Analog and 2.5 mA
Digital System Current
• Radio RX−mode
6.5 mA @ 169 MHz
9.5 mA @ 868 MHz and 433 MHz
• Radio TX−mode at 868 MHz
7.6 mA @ 0 dBm
21 mA @ 10 dBm
55 mA @ 15 dBm
• This is a Pb−Free Device
32−bit MCU Subsystem
• 48−MHz ARM Cortex−M0+ CPU
• Up to 64 KB of Flash with Read Accelerator
• Up to 8 KB of SRAM
Programmable Analog
• Two opamps with reconfigurable high−drive external
and high−bandwidth internal drive and Comparator
modes and ADC input buffering capability. Opamps
can operate in Deep Sleep low−power mode.
• 12−bit 1−Msps SAR ADC with differential and
single−ended modes
• Single−slope 10−bit ADC function
• Two current DACs (IDACs) for general−purpose
applications on any pin
• One low−power comparator that operates in Deep Sleep
low−power mode
Programmable Digital
• Programmable logic blocks allowing Boolean
operations to be performed on port inputs and outputs
Low−Power 1.8 V to 3.6 V Operation
• Deep Sleep mode with operational analog and 2.5 mA
digital system current
Serial Communication
• Two independent run−time reconfigurable Serial
Communication Blocks (SCBs) with re−configurable
I2C, SPI, or UART functionality
Timing and Pulse−Width Modulation
• Five 16−bit timer/counter/pulse−width modulator
(TCPWM) blocks, of which three PWMs can be
connected to GPIO Pins
• Center−aligned, Edge, and Pseudo−random modes
• Comparator−based triggering of Kill signals for motor
drive and other high−reliability digital logic
applications
Up to 19 Programmable GPIO Pins
• Any GPIO pin can be analog, or digital
• Drive modes, strengths, and slew rates are
programmable
www.onsemi.com
40
1
QFN40 7x5, 0.5P
CASE 485EG
See detailed ordering and shipping information in Table 59 of
this data sheet.
ORDERING INFORMATION


Similar Part No. - AXM0F243

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AXM0F343 ONSEMI-AXM0F343 Datasheet
987Kb / 34P
Ultra-Low-Power Narrow-Band Sub-GHz Wireless Microcontroller
April, 2021 ??Rev. 0
AXM0F343 ONSEMI-AXM0F343 Datasheet
659Kb / 34P
Ultra-Low-Power Narrow-Band Sub-GHz Wireless Microcontroller
July, 2021 ??Rev. 1
AXM0F343-256 ONSEMI-AXM0F343-256 Datasheet
659Kb / 34P
Ultra-Low-Power Narrow-Band Sub-GHz Wireless Microcontroller
July, 2021 ??Rev. 1
AXM0F343-64 ONSEMI-AXM0F343-64 Datasheet
659Kb / 34P
Ultra-Low-Power Narrow-Band Sub-GHz Wireless Microcontroller
July, 2021 ??Rev. 1
AXM0F343 ONSEMI-AXM0F343_V01 Datasheet
659Kb / 34P
Ultra-Low-Power Narrow-Band Sub-GHz Wireless Microcontroller
July, 2021 ??Rev. 1
More results

Similar Description - AXM0F243

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1272 SEMTECH-SX1272 Datasheet
448Kb / 1P
860-1050 MHz Ultra Low Power Long Range Transceiver
SX1276 SEMTECH-SX1276 Datasheet
348Kb / 1P
137-1050 MHz Ultra Low Power Long Range Transceiver
logo
ON Semiconductor
AX8052F131 ONSEMI-AX8052F131 Datasheet
781Kb / 46P
SoC Ultra-Low Power RF-Microcontroller
Revision 2
AX8052F143 ONSEMI-AX8052F143 Datasheet
470Kb / 45P
SoC Ultra-Low Power RF-Microcontroller
November, 2015 ??Rev. 3
AX8052F151 ONSEMI-AX8052F151 Datasheet
545Kb / 51P
SoC Ultra-Low Power RF-Microcontroller
Revision 2
AX8052F131 ONSEMI-AX8052F131_16 Datasheet
312Kb / 29P
SoC Ultra-Low Power RF-Microcontroller
May, 2016 ??Rev. 3
AX8052F151 ONSEMI-AX8052F151_16 Datasheet
331Kb / 34P
SoC Ultra-Low Power RF-Microcontroller
May, 2016 ??Rev. 3
AX8052F131 ONSEMI-AX8052F131_17 Datasheet
338Kb / 30P
SoC Ultra-Low Power RF-Microcontroller
August, 2017 ??Rev. 4
AX8052F143 ONSEMI-AX8052F143_17 Datasheet
467Kb / 45P
SoC Ultra-Low Power RF-Microcontroller
August, 2017 ??Rev. 4
logo
Infineon Technologies A...
BAR1 INFINEON-BAR1 Datasheet
848Kb / 7P
RF switch, RF attenuator for frequencies above 10 MHz
2007-04-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com