Electronic Components Datasheet Search
  English  ▼

X  

AXM0F243 Datasheet(PDF) 10 Page - ON Semiconductor

Part # AXM0F243
Description  SoC Ultra-Low Power RF-Microcontroller for RF Carrier Frequencies in the Range 27 - 1050 MHz
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AXM0F243 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button AXM0F243 Datasheet HTML 6Page - ON Semiconductor AXM0F243 Datasheet HTML 7Page - ON Semiconductor AXM0F243 Datasheet HTML 8Page - ON Semiconductor AXM0F243 Datasheet HTML 9Page - ON Semiconductor AXM0F243 Datasheet HTML 10Page - ON Semiconductor AXM0F243 Datasheet HTML 11Page - ON Semiconductor AXM0F243 Datasheet HTML 12Page - ON Semiconductor AXM0F243 Datasheet HTML 13Page - ON Semiconductor AXM0F243 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
AXM0F243
www.onsemi.com
10
GPIO
Table 7. GPIO DC SPECIFICATIONS
Parameter
Description
Min
Typ
Max
Units
Details/ Conditions
VIH [4]
Input voltage high threshold
0.7 x VDDD
–
–
V
CMOS Input
VIL
Input voltage low threshold
–
–
0.3 x VDDD
CMOS Input
VIH [4]
LVTTL input, VDDD < 2.7 V
0.7 x VDDD
–
–
–
VIL
LVTTL input, VDDD < 2.7 V
–
–
0.3 x VDDD
–
VIH [4]
LVTTL input, VDDD ≥ 2.7 V
2.0
–
–
–
VIL
LVTTL input, VDDD ≥ 2.7 V
–
–
0.8
–
VOH
Output voltage high level
VDDD – 0.6
–
–
IOH = 4 mA at 3 V VDDD
VOH
Output voltage high level
VDDD – 0.5
–
–
IOH = 1 mA at 1.8 V VDDD
VOL
Output voltage low level
–
–
0.6
IOL = 4 mA at 1.8 V VDDD
VOL
Output voltage low level
–
–
0.6
IOL = 10 mA at 3 V VDDD
VOL
Output voltage low level
–
–
0.4
IOL = 3 mA at 3 V VDDD
RPULLUP
Pull−up resistor
3.5
5.6
8.5
kW
–
RPULLDOWN
Pull−down resistor
3.5
5.6
8.5
–
IIL
Input leakage current (absolute value)
–
–
1
mA
25°C, VDDD = 3.0 V
CIN
Input capacitance
–
–
7
pF
–
VHYSTTL [5]
Input hysteresis LVTTL
25
40
–
mV
VDDD ≥ 2.7 V
VHYSCMOS [5] Input hysteresis CMOS
0.05 x VDDD
–
–
ITOT_GPIO [5]
Maximum total source or sink chip current
–
–
200
mA
–
4. VIH must not exceed VDDD + 0.2 V
5. Guaranteed by characterization.
Table 8. GPIO AC SPECIFICATIONS *
Parameter
Description
Min
Typ
Max
Units
Details/ Conditions
TRISEF
Rise time in fast strong mode
2
–
12
ns
3.3 V VDDD, Cload = 25 pF
TFALLF
Fall time in fast strong mode
2
–
12
3.3 V VDDD, Cload = 25 pF
TRISES
Rise time in slow strong mode
10
–
60
−
3.3 V VDDD, Cload = 25 pF
TFALLS
Fall time in slow strong mode
10
–
60
−
3.3 V VDDD, Cload = 25 pF
FGPIOUT1
GPIO FOUT; 3.3 V ≤ VDDD ≤ 3.6 V
Fast strong mode
−
–
33
MHz
90/10%, 25 pF load,
60/40 duty cycle
FGPIOUT2
GPIO FOUT; 1.8 V ≤ VDDD ≤ 3.3 V
Fast strong mode
−
–
16.7
90/10%, 25 pF load,
60/40 duty cycle
FGPIOUT3
GPIO FOUT; 3.3 V ≤ VDDD ≤ 3.6 V
Slow strong mode
−
–
7
90/10%, 25 pF load,
60/40 duty cycle
FGPIOUT4
GPIO FOUT; 1.8 V ≤ VDDD ≤ 3.3 V
Slow strong mode
−
–
3.5
90/10%, 25 pF load,
60/40 duty cycle
FGPIOIN
GPIO input operating frequency;
1.8 V ≤ VDDD ≤ 3.6 V
−
–
48
90/10% VIO
*Guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com