Electronic Components Datasheet Search
  English  ▼

X  

GS12341 Datasheet(PDF) 30 Page - Semtech Corporation

Part # GS12341
Description  12G UHD-SDI Reclocking Adaptive Cable Equalizer
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12341 Datasheet(HTML) 30 Page - Semtech Corporation

Back Button GS12341 Datasheet HTML 26Page - Semtech Corporation GS12341 Datasheet HTML 27Page - Semtech Corporation GS12341 Datasheet HTML 28Page - Semtech Corporation GS12341 Datasheet HTML 29Page - Semtech Corporation GS12341 Datasheet HTML 30Page - Semtech Corporation GS12341 Datasheet HTML 31Page - Semtech Corporation GS12341 Datasheet HTML 32Page - Semtech Corporation GS12341 Datasheet HTML 33Page - Semtech Corporation GS12341 Datasheet HTML 34Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 109 page
background image
GS12341
Final Data Sheet
Rev.1
PDS-061928
August 2019
30 of 109
Semtech
Proprietary & Confidential
www.semtech.com
The next section describes the implementation of the matrix-scan and shape-scan.
4.5.2 Matrix-Scan and Shape-Scan Operation
The previous section described the parameters used to adjust the spatial and temporal
eye scan settings. Each sample of the eye scan can record up to 65536 errors. A full eye
scan would require 64KB (256 x 128 x 2 Bytes) of memory to store the data of a full scan.
The eye monitor was implemented to use device resources more efficiently by
segmenting a full scan into several partial scan segments. Each partial scans segment
can contain up to 512B of scan data.
In the case of a full matrix-scan, there are 128 partial scan segments and each partial
scan segment contains two complete scan lines (2 x 128 x 2B = 512B). In the case of a
partial matrix-scan, each scan segment contains multiple partial scan lines including
partial lines (see Figure 4-6).
Table 4-5: Spatial Scan Configuration Parameters
Register Addressh and Name
Parameter Name
Description
5A, EYE_MON_ SCAN_CTRL_0
CTRL_EYE_PHASE_START
Horizontal phase start index
CTRL_EYE_PHASE_STOP
Horizontal phase stop index
5B, EYE_MON_ SCAN_CTRL_1
CTRL_EYE_PHASE_STEP
Horizontal phase step size
CTRL_EYE_VERT_OFFSET_START
Vertical offset start index
5C, EYE_MON_ SCAN_CTRL_2
CTRL_EYE_VERT_OFFSET_STOP
Vertical offset stop index
CTRL_EYE_VERT_OFFSET_STEP
Vertical offset step size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com