Electronic Components Datasheet Search
  English  ▼

X  

GS12341 Datasheet(PDF) 16 Page - Semtech Corporation

Part # GS12341
Description  12G UHD-SDI Reclocking Adaptive Cable Equalizer
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12341 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button GS12341 Datasheet HTML 12Page - Semtech Corporation GS12341 Datasheet HTML 13Page - Semtech Corporation GS12341 Datasheet HTML 14Page - Semtech Corporation GS12341 Datasheet HTML 15Page - Semtech Corporation GS12341 Datasheet HTML 16Page - Semtech Corporation GS12341 Datasheet HTML 17Page - Semtech Corporation GS12341 Datasheet HTML 18Page - Semtech Corporation GS12341 Datasheet HTML 19Page - Semtech Corporation GS12341 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 109 page
background image
GS12341
Final Data Sheet
Rev.1
PDS-061928
August 2019
16 of 109
Semtech
Proprietary & Confidential
www.semtech.com
4.2 Cable Equalizer
The GS12341 can automatically adjust its gain to equalize and restore SMPTE compliant
signals received over different lengths of coaxial cable having loss characteristics similar
to Belden 1694A, 4964R, or Canare L-5.5CUHD. With the default settings, the device will
automatically equalize MADI at 125Mb/s and SMPTE compliant signals between SD at
270Mb/s and UHD-SDI at 11.88Gb/s and bypass signals below 125Mb/s.
The
GS12341 featuresprogrammableLaunchSwingCompensation, squelch threshold
adjust, and bypass, all of which can be set through the device's host interface. The
equalized or bypassed signal is then routed to the eye monitor and serial digital
Reclocker block.
4.2.1 Cable Equalizer Bypass
With the default settings, the device will automatically bypass signals below 125Mb/s.
During cable equalizer-bypass mode, the device supports low data rate and slow edge
signals such as SMPTE310 and AES3id. The rise/fall times must not exceed 62ns. While in
cable equalizer bypass mode, signal will not be reclocked.
To force the device to bypass the cable equalizer, DC restoration stage, and Reclocker,
the following two methods can be used:
Host Interface Control:
Set the following parameters in register 17h:
•CTRL_CEQ_AUTO_BYPASS = 0
•
CTRL_CEQ_MANUAL_BYPASS = 1
GPIO Control:
1. Configure a GPIO as an input by writing 0h to the CFG_GPIO<n>_OUTPUT_ENA.
2. Configure the GPIO function as “cable equalizer bypass enable,” by writing 84h to
CFG_GPIO<n>_FUNCTION.
3. Drive the selected GPIO pin HIGH.
Note: The <n> in the control parameter names refers to the GPIO pin number.
4.2.2 Upstream Launch Swing Compensation
The GS12341 cable equalizer has an automatic gain control circuit, that is optimized on
the assumption that the trace driver in the upstream device is SMPTE compliant and has
a launch swing of 800mVpp ±10%. When the source amplitude is known to be
non-SMPTE compliant, a compensation adjustment can be made in the GS12341. The
GS12341 can adjust for launch swings in the range of 250mV to 1V in approximately
50mVppd increments. Upstream launch swing compensation can be adjusted through
the CFG_EQ_INPUT_LAUNCH_SWING_COMP parameter in control register 0x18. The
default parameter value is 80d (50h), which corresponds to a nominal launch swing of
800mVppd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com