Electronic Components Datasheet Search
  English  ▼

X  

GS12341 Datasheet(PDF) 66 Page - Semtech Corporation

Part # GS12341
Description  12G UHD-SDI Reclocking Adaptive Cable Equalizer
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12341 Datasheet(HTML) 66 Page - Semtech Corporation

Back Button GS12341 Datasheet HTML 62Page - Semtech Corporation GS12341 Datasheet HTML 63Page - Semtech Corporation GS12341 Datasheet HTML 64Page - Semtech Corporation GS12341 Datasheet HTML 65Page - Semtech Corporation GS12341 Datasheet HTML 66Page - Semtech Corporation GS12341 Datasheet HTML 67Page - Semtech Corporation GS12341 Datasheet HTML 68Page - Semtech Corporation GS12341 Datasheet HTML 69Page - Semtech Corporation GS12341 Datasheet HTML 70Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 109 page
background image
GS12341
Final Data Sheet
Rev.1
PDS-061928
August 2019
66 of 109
Semtech
Proprietary & Confidential
www.semtech.com
3A
OUTPUT_ PARAM_ TD_12G_2
RW
3B
OUTPUT_ PARAM_ TD_12G_3
RW
3C to 40
RSVD
RW
41
OUTPUT_ PARAM_ MUTE_1
RW
42
RSVD
RW
43
OUTPUT_ PARAM_ MUTE_3
RW
44 to 47
RSVD
RW
Output Control
48
OUTPUT_ SIG_SELECT
RW
49
CONTROL_ OUTPUT_ MUTE
RW
4A
CONTROL_ OUTPUT_ DISABLE
RW
4B
CONTROL_ OUTPUT_ SLEW
RW
4C
CONTROL_ RETIMER_ BYPASS
RW
4D to 4F
RSVD
RW
Test Functions
50
PRBS_ CHK_CFG
RW
51
PRBS_CHK_ CTRL
RW
52
PRBS_GEN_ CTRL
RW
53
RSVD
RW
54
EYE_MON_ INT_CFG_0
RW
55
EYE_MON_ INT_CFG_1
RW
56
EYE_MON_ INT_CFG_2
RW
57
EYE_MON_ INT_CFG_3
RW
58 to 59
RSVD
RW
5A
EYE_MON_ SCAN_CTRL_0
RW
5B
EYE_MON_ SCAN_CTRL_1
RW
5C
EYE_MON_ SCAN_CTRL_2
RW
5D
EYE_MON_ SCAN_CTRL_3
RW
5E to 5F
RSVD
RW
Factory Settings
60 to 7E
RSVD
RW
Table 5-1: Control Registers (Continued)
GSPI
Addressh
Register Name
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com