Electronic Components Datasheet Search
  English  ▼

X  

GS12341 Datasheet(PDF) 85 Page - Semtech Corporation

Part # GS12341
Description  12G UHD-SDI Reclocking Adaptive Cable Equalizer
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12341 Datasheet(HTML) 85 Page - Semtech Corporation

Back Button GS12341 Datasheet HTML 81Page - Semtech Corporation GS12341 Datasheet HTML 82Page - Semtech Corporation GS12341 Datasheet HTML 83Page - Semtech Corporation GS12341 Datasheet HTML 84Page - Semtech Corporation GS12341 Datasheet HTML 85Page - Semtech Corporation GS12341 Datasheet HTML 86Page - Semtech Corporation GS12341 Datasheet HTML 87Page - Semtech Corporation GS12341 Datasheet HTML 88Page - Semtech Corporation GS12341 Datasheet HTML 89Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 109 page
background image
GS12341
Final Data Sheet
Rev.1
PDS-061928
August 2019
85 of 109
Semtech
Proprietary & Confidential
www.semtech.com
38
OUTPUT_
PARAM_
TD_12G_0
RSVD
15:13
R/W
0
Reserved - do not modify.
CFG_OUTPUT1_TD_
12G_PREEMPH_WIDTH
12:8
R/W
2
Configure the 12G rate pre-emphasis
pulse width on trace driver output1
(DDO1).
Range: 0 to 15d.
Adjust the pre-emphasis pulse width to
better match the channel loss response
shape.
Note: When per rate settings are
chosen, the trace driver 12G settings are
applied for all rates when the Reclocker
is unlocked
(see CTRL_OUTPUT1_TRDR_PER_RATE
for per rate setting).
RSVD
7
R/W
0
Reserved - do not modify.
CFG_OUTPUT1_TD_
12G_PREEMPH_
PWRDWN
6R/W
0
Power down the 12G rate pre-emphasis
on trace driver output1 (DDO1)
0 = Pre-emphasis driver powered up
(pre-emphasis enabled).
1 = Pre-emphasis driver powered down
(pre-emphasis disabled).
Note: When per rate settings are
chosen, the trace driver 12G settings are
applied for all rates when the Reclocker
is unlocked
(see CTRL_OUTPUT1_TRDR_PER_RATE
for per rate setting).
CFG_OUTPUT1_TD_
12G_PREEMPH_AMPL
5:0
R/W
1
Configure the 12G rate pre-emphasis
amplitude on trace driver output1
(DDO1).
Range: 0 to 50d.
Adjust the pre-emphasis pulse
amplitude to better match the channel
loss at Nyquist.
Note: When per rate settings are
chosen, the trace driver 12G settings are
applied for all rates when the Reclocker
is unlocked
(see CTRL_OUTPUT1_TRDR_PER_RATE
for per rate setting).
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com