Electronic Components Datasheet Search
  English  ▼

X  

GS12341 Datasheet(PDF) 95 Page - Semtech Corporation

Part # GS12341
Description  12G UHD-SDI Reclocking Adaptive Cable Equalizer
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12341 Datasheet(HTML) 95 Page - Semtech Corporation

Back Button GS12341 Datasheet HTML 91Page - Semtech Corporation GS12341 Datasheet HTML 92Page - Semtech Corporation GS12341 Datasheet HTML 93Page - Semtech Corporation GS12341 Datasheet HTML 94Page - Semtech Corporation GS12341 Datasheet HTML 95Page - Semtech Corporation GS12341 Datasheet HTML 96Page - Semtech Corporation GS12341 Datasheet HTML 97Page - Semtech Corporation GS12341 Datasheet HTML 98Page - Semtech Corporation GS12341 Datasheet HTML 99Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 109 page
background image
GS12341
Final Data Sheet
Rev.1
PDS-061928
August 2019
95 of 109
Semtech
Proprietary & Confidential
www.semtech.com
57
EYE_MON_
INT_CFG_3
CFG_EYE_DEFAULT_
VERT_OFFSET
15:8
R/W
80
The vertical offset slice that will be used
for eye shape queries. Offset values: 0 to
255d. 0 represents the most negative
slice since 128d is the 0V slice level and
255d is the most positive slice level.
Default is 128d
RSVD
7:3
R/W
0
Reserved - do not modify.
CFG_EYE_INIT_RESET
2
R/W
0
Eye monitor initialization bit. Set HIGH
during Device Power-up Sequence. See
Section 4.9.12 for details.
RSVD
1:0
R/W
2
Reserved - do not modify.
58
RSVD
RSVD
15:0
R/W
D982
Reserved - do not modify
59
RSVD
RSVD
15:0
R/W
100
Reserved - do not modify
5A
EYE_MON_
SCAN_CTRL_0
RSVD
15
R/W
0
Reserved - do not modify.
CTRL_EYE_PHASE_
START
14:8
R/W
0
Starting phase offset.
Valid range is 0 to 127d.
Reset value must be used for shape
scan.
RSVD
7
R/W
0
Reserved - do not modify.
CTRL_EYE_PHASE_
STOP
6:0
R/W
7F
Phase offset limit. Valid range is 0 to
127d. CTRL_EYE_PHASE_STOP must be
greater or equal to
CTRL_EYE_PHASE_START. Reset value
must be used for shape scan.
5B
EYE_MON_
SCAN_CTRL_1
RSVD
15
R/W
0
Reserved - do not modify.
CTRL_EYE_PHASE_
STEP
14:8
R/W
1
Unsigned value for phase step size. Valid
values are 1,2, and 4.
Reset value must be used for shape
scan.
Behaviour is undefined for other values.
In order to use a step size of 2 or 4,
CTRL_EYE_PHASE_START and
CTRL_EYE_PHASE_STOP must be set to
their default values.
RSVD
7
R/W
0
Reserved - do not modify.
CTRL_EYE_VERT_
OFFSET_START
6:0
R/W
0
Starting voltage offset.
Valid range is 0 to 255d.
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com