Electronic Components Datasheet Search
  English  ▼

X  

GS12341 Datasheet(PDF) 37 Page - Semtech Corporation

Part # GS12341
Description  12G UHD-SDI Reclocking Adaptive Cable Equalizer
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12341 Datasheet(HTML) 37 Page - Semtech Corporation

Back Button GS12341 Datasheet HTML 33Page - Semtech Corporation GS12341 Datasheet HTML 34Page - Semtech Corporation GS12341 Datasheet HTML 35Page - Semtech Corporation GS12341 Datasheet HTML 36Page - Semtech Corporation GS12341 Datasheet HTML 37Page - Semtech Corporation GS12341 Datasheet HTML 38Page - Semtech Corporation GS12341 Datasheet HTML 39Page - Semtech Corporation GS12341 Datasheet HTML 40Page - Semtech Corporation GS12341 Datasheet HTML 41Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 109 page
background image
GS12341
Final Data Sheet
Rev.1
PDS-061928
August 2019
37 of 109
Semtech
Proprietary & Confidential
www.semtech.com
Note: If CTRL_PRBS_GEN_CLK_SRC is set to use a recovered clock, a valid
signal that the Reclocker has locked to must be present for proper operation,
and the PRBS generator will match this data rate regardless of what rate
CTRL_PRBS_GEN_DATA_RATE is set to.
CTRL_PRBS_GEN_CLK_DIVIDER
CTRL_PRBS_GEN_INVERT
4. Start the generator by setting CTRL_PRBS_GEN_ENABLE = 1.
To stop the generator at any time, set CTRL_PRBS_GEN_ENABLE = 0. If the use of the
PRBS generator is complete, revert any settings made in steps 1, 2 and/or 4 to return to
normal operation.
Table 4-7: PRBS Generator Parameter Descriptions
Register Addressh
and Name
Parameter Name
Description
3, CONTROL_ SLEEP
CTRL_AUTO_SLEEP
Set the device to auto or manual sleep.
CTRL_MANUAL_SLEEP
Manually set the sleep setting of the device when auto
sleep mode is turned off.
48, OUTPUT_ SIG_SELECT
CTRL_OUTPUT1_SIGNAL_SEL
Selects between data or PRBS generator as the driver
source for DDO1/DDO1.
CTRL_OUTPUT0_SIGNAL_SEL
Selects between data or PRBS generator as the driver
source for DDO0/DDO0.
49, CONTROL_ OUTPUT_
MUTE
CTRL_OUTPUT1_AUTO_MUTE
Select automatic or manual mute control for
DDO1/DDO1.
CTRL_OUTPUT1_MANUAL_MUTE
Manually set the mute control for DDO1/DDO1 when
auto mute mode is turned off.
CTRL_OUTPUT0_AUTO_MUTE
Select automatic or manual mute control for
DDO0/DDO0.
CTRL_OUTPUT0_MANUAL_MUTE
Manually set the mute control of the DDO0/DDO0 when
auto mute mode is turned off.
4A, CONTROL_ OUTPUT_
DISABLE
CTRL_OUTPUT1_AUTO_DISABLE
Selects automatic or manual disable control for
DDO1/DDO1.
CTRL_OUTPUT1_MANUAL_DISABLE
Manually set the disable control of the DDO1/DDO1
when auto disable mode is turned off.
CTRL_OUTPUT0_AUTO_DISABLE
Selects automatic or manual disable control for
DDO0/DDO0.
CTRL_OUTPUT0_MANUAL_DISABLE
Manually set the disable control of the DDO0/DDO0
when auto disable mode is turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com