Electronic Components Datasheet Search
  English  ▼

X  

GS12341 Datasheet(PDF) 20 Page - Semtech Corporation

Part # GS12341
Description  12G UHD-SDI Reclocking Adaptive Cable Equalizer
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12341 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button GS12341 Datasheet HTML 16Page - Semtech Corporation GS12341 Datasheet HTML 17Page - Semtech Corporation GS12341 Datasheet HTML 18Page - Semtech Corporation GS12341 Datasheet HTML 19Page - Semtech Corporation GS12341 Datasheet HTML 20Page - Semtech Corporation GS12341 Datasheet HTML 21Page - Semtech Corporation GS12341 Datasheet HTML 22Page - Semtech Corporation GS12341 Datasheet HTML 23Page - Semtech Corporation GS12341 Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 109 page
background image
GS12341
Final Data Sheet
Rev.1
PDS-061928
August 2019
20 of 109
Semtech
Proprietary & Confidential
www.semtech.com
Note: The parameters referred to within Section 4.3.1 to Section 4.3.2 are linked to their
respective registers in Table 4-3. For a complete list of registers and functions, please see
Section 5.
4.3.1 PLL Loop Bandwidth Control
The ratio of output peak-to-peak jitter to input peak-to-peak jitter of the Reclocker can
be represented by a low-pass jitter transfer function, with a bandwidth equal to the PLL
loop bandwidth. Although the default loop bandwidth settings for the GS12341
Reclocker are ideal for most SDI signals, the GS12341 allows the user to adjust the loop
bandwidth for each supported rate.
Registers 0x0A through 0x0C contain the following parameters which allow the user to
configure rate dependent loop bandwidth: CFG_PLL_LBW_12G, CFG_PLL_LBW_6G,
CFG_PLL_LBW_3G, CFG_PLL_LBW_HD, CFG_PLL_LBW_SD, and
CFG_PLL_LBW_MADI. The loop bandwidth settings are defined in terms of ratios of the
nominal loop bandwidth. For each rate, where '1.0x' is the nominal loop bandwidth, the
following ratios are available: 0.0625x, 0.125x, 0.25x, 0.5x, and 1.0x. Table 2-3 provides
the specific loop bandwidths for each data rate and loop bandwidth setting. Lowering
the loop bandwidth will lower the jitter amplitude above the loop bandwidth
frequency. Although lower output jitter is desirable, the lower loop bandwidth may
reduce the device’s IJT to very high jitter that may be present outside the loop
bandwidth.
4.3.2 Automatic and Manual Rate Detection
With the default rate detect setting, the Reclocker will automatically attempt to lock to
any of following data rates: MADI (125Mb/s), SD-SDI (270Mb/s), HD-SDI (1.485Gb/s),
3G-SDI (2.97Gb/s), 6G-SDI (5.94Gb/s) and 12G-SDI (11.88Gb/s). This includes the f/1.001
rates. However, the Reclocker can be configured to only lock to a single rate, by setting
the CFG_AUTO_RATE_DETECT_ENA and CFG_MANUAL_RATE parameters in register
0x06.
The STAT_LOCK parameter in register 0x86 will indicate that the Reclocker is locked
when its value is 1b and unlocked when its value is 0b. The lock status can also be
monitored externally on any GPIO pin, however it is the default mode for GPIO1, pin 18.
The STAT_DETECTED_RATE parameter in register 0x87 will indicate the data rate at
which the Reclocker is locked to. A value of 0d in the STAT_DETECTED_RATE parameter
indicates that the device is not locked, while values between 1d and 6d will indicate that
the device is locked to one of the six available rates between MADI at 125Mb/s and
UHD-SDI at 11.88Gb/s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com