Electronic Components Datasheet Search
  English  ▼

X  

GS12341 Datasheet(PDF) 38 Page - Semtech Corporation

Part # GS12341
Description  12G UHD-SDI Reclocking Adaptive Cable Equalizer
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12341 Datasheet(HTML) 38 Page - Semtech Corporation

Back Button GS12341 Datasheet HTML 34Page - Semtech Corporation GS12341 Datasheet HTML 35Page - Semtech Corporation GS12341 Datasheet HTML 36Page - Semtech Corporation GS12341 Datasheet HTML 37Page - Semtech Corporation GS12341 Datasheet HTML 38Page - Semtech Corporation GS12341 Datasheet HTML 39Page - Semtech Corporation GS12341 Datasheet HTML 40Page - Semtech Corporation GS12341 Datasheet HTML 41Page - Semtech Corporation GS12341 Datasheet HTML 42Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 109 page
background image
GS12341
Final Data Sheet
Rev.1
PDS-061928
August 2019
38 of 109
Semtech
Proprietary & Confidential
www.semtech.com
4.7 Output Drivers
The GS12341 features two independently-configurable output drivers (see Figure 3-2),
with data (reclocked or bypassed) available on both outputs. The two drivers provide
highly-configurable amplitude and pre-emphasis control. The signal on the outputs can
be inverted to help with signal polarity when layout requires trace inversion. The PRBS
generator is available on both outputs. The LOS (Loss Of Signal) status from the
equalizer stage can be used to automatically mute or disable the outputs on their
assertion. The Loss of Lock status from the Reclocker block can be used to mute the
outputs. The trace drivers can be configured to mute or disable during sleep. The sleep
control modes takes precedence over the manual or automatic LOS and Loss of Lock
output control modes.
Note: The <n> in the control parameter names refers to the output number. Output 0 is
DDO0/DDO0 and output 1 is DDO1/DDO1.
4.7.1 Bypassed Reclocker Signal Output Control
With the default power-up settings, the GS12341 outputs will automatically switch to
the bypassed signal (non-reclocked) whenever the PLL is unlocked. Alternatively,
manual reclocker bypass may be configured by setting the
CTRL_OUTPUT<n>_RETIMER_ AUTO_BYPASS and
CTRL_OUTPUT<n>_RETIMER_MANUAL_BYPASS parameters in register 0x4C to 0b
and 1b respectively via the host interface, in which case the PLL will remain bypassed for
all rates.
The reclocker bypass function, manual or automatic, does not affect the input
equalization function of the device.
If both outputs are manually disabled, then the device will power down the Reclocker
block and features of the reclocker such as rate detect and lock detect will no longer be
accessible in this mode.
52, PRBS_GEN_ CTRL
CTRL_PRBS_GEN_SIGNAL_SELECT
Selects between setting the output of the PRBS
generator to being a clock or a PRBS test signal.
CTRL_PRBS_GEN_CLK_SRC
Selects the clock source used by the PRBS generator.
CTRL_PRBS_GEN_CLK_DIVIDER
If a clock is selected as the PRBS output signal, this
parameter sets the divide ratio of the clock.
CTRL_PRBS_GEN_INVERT
Allows the polarity of the PRBS signal to be inverted.
CTRL_PRBS_GEN_DATA_RATE
If a PRBS test signal is selected as the output signal, this
parameter sets the data rate of the PRBS7 signal.
CTRL_PRBS_GEN_ENABLE
Used to enable or disable the PRBS generator.
Table 4-7: PRBS Generator Parameter Descriptions (Continued)
Register Addressh
and Name
Parameter Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com