Electronic Components Datasheet Search
  English  ▼

X  

GS12341 Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS12341
Description  12G UHD-SDI Reclocking Adaptive Cable Equalizer
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12341 Datasheet(HTML) 1 Page - Semtech Corporation

  GS12341 Datasheet HTML 1Page - Semtech Corporation GS12341 Datasheet HTML 2Page - Semtech Corporation GS12341 Datasheet HTML 3Page - Semtech Corporation GS12341 Datasheet HTML 4Page - Semtech Corporation GS12341 Datasheet HTML 5Page - Semtech Corporation GS12341 Datasheet HTML 6Page - Semtech Corporation GS12341 Datasheet HTML 7Page - Semtech Corporation GS12341 Datasheet HTML 8Page - Semtech Corporation GS12341 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 109 page
background image
1 of 109
Semtech
Proprietary & Confidential
GS12341
Final Data Sheet
Rev.1
PDS-061928
August 2019
GS12341
12G UHD-SDI Reclocking
Adaptive Cable Equalizer
www.semtech.com
Key Features
•
75Ω cable input interface with on-chip termination
•
SMPTE ST 2082-1, ST 2081-1, ST 424, ST 292-1 and ST 259
compliant input/output
•
Multi-standard operation from 1Mb/s to 11.88Gb/s
•
In addition to standard SMPTE rates, the device also supports
reclocking of DVB-ASI at 270Mb/s, and MADI at 125Mb/s
•
3D Input Signal Eye Monitor
•
PRBS generator and checker
•
Automatic cable equalization—typical equalized cable
lengths of Belden 1694A cable:
 80m at 11.88Gb/s
 100m at 5.94Gb/s
 190m at 2.97Gb/s
 260m at 1.485Gb/s
 450m at 270Mb/s and 125Mb/s
•
Cable equalizer features:
 Improved reach with stress patterns
 Automatic power down on loss of signal
 Programmable carrier detect with squelch threshold
adjustment
 Programmable launch swing compensation for
non-compliant source
 Manual and automatic cable equalizer bypass
•
Trace driver features:
 Integrated 100Ω, differential output termination
 Extends output DC-coupling support with 1.2V to 2.5V
output supply range
 Trace driver data output pre-emphasis to compensate for
up to 20” FR4 at 11.88Gb/s
 Manual or automatic reclocker bypass
 Manual or automatic mute or disable on LOS
•
Reclocker features:
 Manual or automatic rate modes
 Wide Loop bandwidth control
 Reclocking at the following data rates: 125Mb/s, 270Mb/s,
1.485Gb/s, 2.97Gb/s, 5.94Gb/s, and 11.88Gb/s—this
includes the f/1.001 rates
Additional Features
•
Single 1.8V power supply for analog and digital core
•
GSPI serial control and monitoring interface
•
Four configurable GPIO pins for control or status monitoring
•
Wide operating temperature range: -40ºC to +85ºC
•
Small 6mm x 4mm 40-pin QFN
•
Pin compatible with the GS12241, GS12141, GS12142, and
GS3241
•
Pb-free/Halogen-free/RoHS and WEEE compliant package
Applications
Next Generation 12G UHD-SDI infrastructures designed to
support UHDTV1, UHDTV2, 4K D-Cinema and 3D HFR and HDR
production image formats. Typical applications: Monitors,
Switchers, Distribution Amplifiers and Routers.
Description
The GS12341 is a low-power, multi-rate reclocking Cable Equalizer
supporting rates up to 12G UHD-SDI. It is designed to equalize and
restore signals received over 80 meters coaxial cable at 12G,
compensate for DC content of SMPTE pathological signals, and
reclock the incoming data.
The integrated eye monitor provides non-disruptive mission
mode analysis of the post equalized input signal. The 256x128
resolution scan matrix allows accurate signal analysis to speed up
prototyping and enable field analysis.
Built in macros enable customizable cross section analysis and
quick horizontal and vertical eye opening measurements.
With high phase consistency between scans and configurable
space and time thresholds, algorithms can be deployed in the
field to analyse long term signal quality variation (Bathtub Plot) to
reduce costly system installation debug time for intermittent
errors.
The two independently controlled trace drivers feature highly
configurable pre-emphasis and swing controls to compensate for
long trace and connector losses. The pre-emphasis pulse width
can be optimized to compensate for perturbations to frequency
response of transmission lines due to vias connectors and stubs.
The GS12341 is pin compatible with the GS12241 and GS12141
single input, and GS12142 dual input, 12G UHD-SDI Multi-rate
Reclocking Cable Equalizers. It is also pin compatible with the
GS3241 3G-SDI Multi-rate Reclocking Cable Equalizer.
Note: For the GS12341 to be pin compatible with the GS12142,
careful design considerations are required. Contact for your local
Semtech FAE for details.


Similar Part No. - GS12341

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GS123 GTM-GS123 Datasheet
155Kb / 2P
NPN EPITAXIAL TRANSISTOR
logo
E-Tech Electronics LTD
GS123 ETL-GS123 Datasheet
157Kb / 2P
The GS123 is designed for general purpose amplifier applications.
More results

Similar Description - GS12341

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9064 GENNUM-GS9064 Datasheet
202Kb / 10P
GS9064 SD SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
logo
Texas Instruments
LMH1219 TI1-LMH1219 Datasheet
722Kb / 9P
Low Power 12G UHD Adaptive Cable Equalizer with Integrated Reclocker
LMH1208 TI1-LMH1208 Datasheet
730Kb / 10P
12G UHD-SDI Dual Output Cable Driver
logo
Semtech Corporation
GS12181 SEMTECH-GS12181 Datasheet
2Mb / 68P
12G UHD-SDI Retiming Cable Driver
GS12081 SEMTECH-GS12081 Datasheet
2Mb / 64P
12G UHD-SDI Cable Driver
GS12090 SEMTECH-GS12090 Datasheet
4Mb / 121P
Bidirectional 12G UHD-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
GS12141 SEMTECH-GS12141 Datasheet
2Mb / 65P
12G UHD-SDI Retiming Adaptive Cable Equalizer
GS12190 SEMTECH-GS12190 Datasheet
2Mb / 121P
Bidirectional 12G UHD-SDI Reclocking Adaptive Cable Equalizer/Cable Driver
GS12281 SEMTECH-GS12281 Datasheet
3Mb / 97P
12G UHD-SDI Re-timing Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com