| Electronic Components Datasheet Search |
|
GS12341 Datasheet(PDF) 49 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
GS12341 Datasheet(HTML) 49 Page - Semtech Corporation |
|
49 / 109 page ![]() GS12341 Final Data Sheet Rev.1 PDS-061928 August 2019 49 of 109 Semtech Proprietary & Confidential www.semtech.com 4.7.6.1 Output Mute Control Mode Each of the outputs on the GS12341 have independent mute control modes, which can be configured through the host interface. The following are the four output mute control modes: 1. The outputs automatically mute on LOS (default). 2. The outputs automatically mute on LOS and during rate search. 3. The outputs never mute. 4. The outputs are always muted. The first mute control mode is the default power-up configuration for both output drivers (the CTRL_OUTPUT<n>_AUTO_MUTE control parameter in register 0x49 is set to 1b). In this mode, the outputs will automatically mute on the assertion of LOS. This includes LOS as a result of setting up Squelch Adjust (see Section 4.2.1 for more details). In addition to mute on LOS, with auto mute control mode configured, setting the CTRL_OUTPUT<n>_AUTO_MUTE_DURING_RATE_SEARCH control parameter in register 0x49 to 1b, will configure the outputs to also mute when the device loses lock and begins to rate search. The outputs can be manually configured to never mute by setting both the CTRL_OUTPUT<n>_AUTO_MUTE and CTRL_OUTPUT<n>_MANUAL_MUTE control parameters in register 0x49 to 0b. Alternatively, the outputs can be manually configured to always be muted by setting the CTRL_OUTPUT<n>_AUTO_MUTE and CTRL_OUTPUT<n>_ MANUAL_MUTE control parameters to 0b and 1b respectively. 4.7.6.2 Output Disable Control Mode Each of the outputs on the GS12341 also have independent disable control modes, which can be configured through the host interface. The following are the three output disable control modes: 1. The outputs are never disabled (default). 2. The outputs are automatically disabled on LOS. 3. The outputs are always disabled. The first disable control mode is the default power-up configuration for both output drivers (the CTRL_OUTPUT<n>_AUTO_DISABLE and CTRL_OUTPUT<n>_MANUAL_DISABLE control parameters in register 0x4A are both set to 0b). In this mode, the outputs will never disable. By setting the CTRL_OUTPUT<n>_AUTO_DISABLE control parameter in register 0x4A to 1b, the outputs will automatically disable on the assertion of LOS. This includes LOS as a result of setting up Squelch Adjust (see Section 4.2.1 for more details). The output can be manually disabled by leaving the CTRL_OUTPUT<n>_AUTO_DISABLE control parameter set to 0b and setting the CTRL_OUTPUT<n>_MANUAL_DISABLE control parameter to 1b. The disable control mode takes precedence over the output mute control mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |