Electronic Components Datasheet Search
  English  ▼

X  

GS12341 Datasheet(PDF) 92 Page - Semtech Corporation

Part # GS12341
Description  12G UHD-SDI Reclocking Adaptive Cable Equalizer
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12341 Datasheet(HTML) 92 Page - Semtech Corporation

Back Button GS12341 Datasheet HTML 88Page - Semtech Corporation GS12341 Datasheet HTML 89Page - Semtech Corporation GS12341 Datasheet HTML 90Page - Semtech Corporation GS12341 Datasheet HTML 91Page - Semtech Corporation GS12341 Datasheet HTML 92Page - Semtech Corporation GS12341 Datasheet HTML 93Page - Semtech Corporation GS12341 Datasheet HTML 94Page - Semtech Corporation GS12341 Datasheet HTML 95Page - Semtech Corporation GS12341 Datasheet HTML 96Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 109 page
background image
GS12341
Final Data Sheet
Rev.1
PDS-061928
August 2019
92 of 109
Semtech
Proprietary & Confidential
www.semtech.com
Diagnostic Control Features
50
PRBS_
CHK_CFG
RSVD
15
R/W
0
Reserved - do not modify.
CFG_PRBS_CHECK_
PHASEADJUST
14:13
R/W
0
Adjusts the phase of the clock to the
PRBS checker. Values are:
0 = 0
1 = 90
2 = 180
3 = 270
Note: A setting of 0 is ideal for most
applications. Adjustment is not
expected.
CFG_PRBS_CHECK_
INVERT
12
R/W
0
Optionally inverts the reclocked data at
the input to the PRBS checker:
0 = no inversion
1 = data inverted
CFG_PRBS_CHECK_
PREDIVIDER
11:8
R/W
0
Selects pre-divider for PRBS check
measurement timer:
setting: pre-divider value
0 = 4
1 = 8
2 = 16
3 = 32
4 = 64
5 = 128
6 = 256
7 = 512
8 = 1024
9 = 2048
CFG_PRBS_CHECK_
MEAS_TIME
7:0
R/W
3
Selects PRBS check measurement
interval for timed measurements.
See Section 4.4.1 for more details.
51
PRBS_CHK_
CTRL
RSVD
15:9
R/W
0
Reserved - do not modify.
CTRL_PRBS_CHECK_
TIMED_CONT_B
8R/W
0
Selects between timed and continuous
PRBS check mode.
0 = Selects continuous PRBS check
mode.
1 = Selects timed PRBS check mode.
RSVD
7:1
R/W
0
Reserved - do not modify.
CTRL_PRBS_CHECK_
START
0R/W
0
Set to 1 by host to start a timed
operation.
Set to 0 by host after completion or
abort of the operation (by the device
due to loss of lock) to tell the device that
PRBS result has been read by the host.
See Section 4.4 for more details on PRBS
checker function.
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com