Electronic Components Datasheet Search
  English  ▼

X  

GS12341 Datasheet(PDF) 63 Page - Semtech Corporation

Part # GS12341
Description  12G UHD-SDI Reclocking Adaptive Cable Equalizer
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12341 Datasheet(HTML) 63 Page - Semtech Corporation

Back Button GS12341 Datasheet HTML 59Page - Semtech Corporation GS12341 Datasheet HTML 60Page - Semtech Corporation GS12341 Datasheet HTML 61Page - Semtech Corporation GS12341 Datasheet HTML 62Page - Semtech Corporation GS12341 Datasheet HTML 63Page - Semtech Corporation GS12341 Datasheet HTML 64Page - Semtech Corporation GS12341 Datasheet HTML 65Page - Semtech Corporation GS12341 Datasheet HTML 66Page - Semtech Corporation GS12341 Datasheet HTML 67Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 109 page
background image
GS12341
Final Data Sheet
Rev.1
PDS-061928
August 2019
63 of 109
Semtech
Proprietary & Confidential
www.semtech.com
4.9.13.1 Host Initiated Device Reset Timing Sequence
The following timing sequence must be observed after a Host Initiated Device Reset
when no external configuration loading is required. See Figure 4-37 for the timing
requirements of the Steps 1 to 3 below.
Step 1 – GSPI Access Allowed
a) Host writes 0xAD00 to register 0x007F to reset selected devices, or all devices using
broadcast.
Step 2– No GSPI Access Allowed
a) Internal blocks reset, default device configuration boot-up begins.
b) Default device configuration boot-up completes.
Step 3 – GSPI Access Allowed
a) Host sets EYE_MON_INT_CFG_3 (register address 0x57) to 0x8006.
b) If there are multiple devices on the GSPI chain, host must reconfigure unit address
of each device that was reset. See Section 4.9.9 for further information on unit
addressing.
c) Host sets custom application specific settings.
d) Normal operation begins.
Figure 4-37: Host Initiated Device Reset Timing Sequence.
5.11 ms – No GSPI Access Allowed
All blocks reset.
All devices that
received reset
command will
have their unit
address reset to
0.
After Completion of Reset, device
automatically initiates default
configuration boot-up.
Eye Monitor
Reset:
Host
writes 0x8006
to register 0x57
at unit address
0.
Command will
be broadcast to
all devices that
were reset.
Normal Operation Begins.
Host must reconfigure the unit addresses of
devices that were reset to 0.
After which, the host may read/write any
register of specific device on the chain, or
use broadcast write to concurrently write a
command to all devices on the GSPI chain.
Application Defined GSPI Read/Write
Access.
Eye
Monitor
Reset.
Default
Configuration
Boot-Up
Complete.
5 ms
110 μs
Internal Reset
Sequence
Complete.
Host writes
0xAD00 to
Register 0x007F
to reset device.
Host may reset
all devices by
using broadcast
mode.
GSPI Access.
Device
Configuration
Booting.
Device Blocks
Resetting.
GSPI Access Allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com