Electronic Components Datasheet Search
  English  ▼

X  

GS12341 Datasheet(PDF) 48 Page - Semtech Corporation

Part # GS12341
Description  12G UHD-SDI Reclocking Adaptive Cable Equalizer
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12341 Datasheet(HTML) 48 Page - Semtech Corporation

Back Button GS12341 Datasheet HTML 44Page - Semtech Corporation GS12341 Datasheet HTML 45Page - Semtech Corporation GS12341 Datasheet HTML 46Page - Semtech Corporation GS12341 Datasheet HTML 47Page - Semtech Corporation GS12341 Datasheet HTML 48Page - Semtech Corporation GS12341 Datasheet HTML 49Page - Semtech Corporation GS12341 Datasheet HTML 50Page - Semtech Corporation GS12341 Datasheet HTML 51Page - Semtech Corporation GS12341 Datasheet HTML 52Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 109 page
background image
GS12341
Final Data Sheet
Rev.1
PDS-061928
August 2019
48 of 109
Semtech
Proprietary & Confidential
www.semtech.com
In the AC-coupled case, Vcmout is the common mode voltage at the driver side of the
AC-coupling capacitor placed near the driver. In the AC-coupled case, Vcmout does not
need to be within the Vcmin range specified by the downstream device. However, the
capacitor should have a voltage rating that exceeds |Vcmout-Vcmin|. In addition to the
voltage rating, the recommended value of the AC-coupling capacitor should be at least
4.7μF to meet the low cut-off frequency requirement of low transition density signals
such as the check-field pattern defined in SMPTE RP-198. The capacitor should have a
temperature rating that maintains the capacitance over the required operating range.
4.7.6 Output State Control Modes
The GS12341 provides several output state control modes to meet specific application
requirements. The trace driver has the following three output modes: operational,
muted, or disabled. During non-sleep, if the control modes are configured such that
multiple output modes are enabled, the priorities of the control modes from highest to
lowest are the following: disabled, and then muted. Section 4.7.6.1 through
Section 4.7.6.2 describe how to configure the output control modes that are enabled
during non-sleep.
If the device enters sleep, either manually or automatically, the sleep output control
modes take precedence over the non-sleep control modes. The default trace driver
configuration is for it to be disabled during sleep; however the trace driver can be
configured to mute during sleep by setting the CFG_SLEEP_OUTPUT<n>_MUTE
parameter in register 0x5 to 1b.
Table 4-9: ΔVDDO (mVppd) and VCMOUT(V) vs. DS Setting and VCCO
ΔVDDO (mVppd) vs. DS Setting
DC-Coupled
VCMOUT (V) vs. DS Setting
AC-Coupled
VCMOUT (V) vs. DS Setting
Vcco (V)
8
17
37
8
17
37
8
17
37
1.2
200
400
—
1.15
1.1
—
1.1
1
—
1.8
200
400
800
1.75
1.7
1.6
1.7
1.6
1.4
2.5
200
400
800
2.45
2.4
2.3
2.4
2.3
2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com