Electronic Components Datasheet Search
  English  ▼

X  

GS12341 Datasheet(PDF) 33 Page - Semtech Corporation

Part # GS12341
Description  12G UHD-SDI Reclocking Adaptive Cable Equalizer
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12341 Datasheet(HTML) 33 Page - Semtech Corporation

Back Button GS12341 Datasheet HTML 29Page - Semtech Corporation GS12341 Datasheet HTML 30Page - Semtech Corporation GS12341 Datasheet HTML 31Page - Semtech Corporation GS12341 Datasheet HTML 32Page - Semtech Corporation GS12341 Datasheet HTML 33Page - Semtech Corporation GS12341 Datasheet HTML 34Page - Semtech Corporation GS12341 Datasheet HTML 35Page - Semtech Corporation GS12341 Datasheet HTML 36Page - Semtech Corporation GS12341 Datasheet HTML 37Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 109 page
background image
GS12341
Final Data Sheet
Rev.1
PDS-061928
August 2019
33 of 109
Semtech
Proprietary & Confidential
www.semtech.com
Shape-Scan Procedure:
1. Ensure the offset and step parameters described in Table 4-5 are set to their default
values.
2. Configure the 4-point error rate threshold by setting each of the parameters listed
in Table 4-6.
3. Configure the eye monitor to run a shape-scan by setting
CTRL_EYE_SHAPE_SCAN_B to 1.
Start the scan and poll the scanner status register until the scan is complete. Please refer
to the flow diagram in Figure 4-8.
Figure 4-8: Shape-Scan Flow Diagram
Host determines Eye Width and Eye Height by reading from
the following 4 registers:
le = STAT_EYE_SHAPE_LEFT_EDGE_PHASE
re = STAT_EYE_SHAPE_RIGHT_EDGE_PHASE
pe =STAT_EYE_SHAPE_POS_EDGE_OFFSET
ne =STAT_EYE_SHAPE_NEG_EDGE_OFFSET
if pe > ne:
EyeHeight = (256 + ne - pe)
else:
EyeHeight = (ne - pe)
if le > re:
EyeWidtht = (128 + re - le)
else:
EyeWidtht = (re - le)
Host reads scan status from
STAT_EYE_MON_STATUS
Status
1 or 0
Host Resets Eye Scanner for new scan by
setting CTRL_EYE_MON_START = 0
Or power down by setting
CTRL_EYE_MON_POWER_CTRL = 0
3
2
Scan Failed
Reset Eye Scanner
Run Shape Scan
Shape Scan
Complete
Host powers up eye monitor and starts
Shape Scan by setting:
CTRL_EYE_MON_POWER_CTRL = 1
CTRL_EYE_MON_START = 1
- While the eye
powered-up, the cable equalizer
enabled.
- Status = STAT_EYE_MON_STATUS
Status = 0?
NO
the host can write
ctrl_eye_mon_power_ctrl = 1 and
ctrl_eye_mon_start = 1 in the
same GSPI write, i.e. at the same
time. It is not necessary to set the
power up first.
Please Note the Following:
Note:
only has partial adaptation
monitor is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com