Electronic Components Datasheet Search
  English  ▼

X  

MAX77751 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX77751
Description  3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX77751 Datasheet HTML 5Page - Maxim Integrated Products MAX77751 Datasheet HTML 6Page - Maxim Integrated Products MAX77751 Datasheet HTML 7Page - Maxim Integrated Products MAX77751 Datasheet HTML 8Page - Maxim Integrated Products MAX77751 Datasheet HTML 9Page - Maxim Integrated Products MAX77751 Datasheet HTML 10Page - Maxim Integrated Products MAX77751 Datasheet HTML 11Page - Maxim Integrated Products MAX77751 Datasheet HTML 12Page - Maxim Integrated Products MAX77751 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
MAX77751
3.15A USB-C Autonomous Charger
for 1-Cell Li+ Batteries
www.maximintegrated.com
Maxim Integrated | 9
(Limits are 100% tested at TA = +25°C. Limits over the operating temperature range and relevant supply voltage range are guaranteed
by design and characterization.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
COMP2 Load Resistor
RUSB
Load Resistor on DP/DN
3
6.1
12
MΩ
CC DETECTION
CC Pin Voltage, in DFP
1.5A Mode
VCC_PIN
Measured at CC pins with 126kΩ load.
IDFP1.5_CC enable and VAVL ≥ 2.5V
1.85
V
CC Pin Clamp Voltage
VCC_CLAMP
60µA ≤ ICC_ ≤ 600µA
1.1
1.32
V
CC Pin Clamp Voltage
(5.5V)
ICC_ < 2mA
5.25
5.5
V
CC UFP Pulldown
Resistance
RPD_UFP
-10%
5.1K
+10%
Ω
CC DFP 1.5A Current
Source
IDFP1.5_CC
-8%
180
+8%
µA
CC RA RD Threshold
VRA_RD0.5
0.15
0.2
0.25
V
CC UFP 0.5A RD
Threshold
VUFP_RD0.5
0.61
0.66
0.7
V
CC UFP 0.5A RD
Hysteresis
VUFP_RD0.5_H
0.015
V
CC UFP 1.5A RD
Threshold
VUFP_RD1.5
1.16
1.23
1.31
V
CC UFP 1.5A RD
Hysteresis
VUFP_RD1.5_H
0.15
V
CC Pin Power Up Time
tClampSwap
Max time allowed from removal of voltage
clamp until 5.1kΩ resistor is attached
15
ms
CC Detection Debounce
tCCDeb
100
119
200
ms
USB Type-C Debounce
tPDDeb
10
15
20
ms
USB Type-C Quick
Debounce
tQDeb
0.9
1
1.1
ms
Note 1:
The CHGIN input must be less than VCHGIN_OVLO and greater than both VCHGIN_UVLO and VCHGIN2SYS for the charger
to turn on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com