Electronic Components Datasheet Search
  English  ▼

X  

MAX77751 Datasheet(PDF) 34 Page - Maxim Integrated Products

Part # MAX77751
Description  3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 34 Page - Maxim Integrated Products

Back Button MAX77751 Datasheet HTML 30Page - Maxim Integrated Products MAX77751 Datasheet HTML 31Page - Maxim Integrated Products MAX77751 Datasheet HTML 32Page - Maxim Integrated Products MAX77751 Datasheet HTML 33Page - Maxim Integrated Products MAX77751 Datasheet HTML 34Page - Maxim Integrated Products MAX77751 Datasheet HTML 35Page - Maxim Integrated Products MAX77751 Datasheet HTML 36Page - Maxim Integrated Products MAX77751 Datasheet HTML 37Page - Maxim Integrated Products MAX77751 Datasheet HTML 38Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
MAX77751
3.15A USB-C Autonomous Charger
for 1-Cell Li+ Batteries
www.maximintegrated.com
Maxim Integrated | 34
Figure 12. System Configuration for Temperature Management
If the system does not have an MCU which can get the INOKB signal from the MAX77751 and provide the enable or
disable signal to ITOPOFF of the MAX77751, the circuit depicted in Figure 13 can provide the same function which the
MCU does in Figure 12. The Hot and Cold Temperature Detection portion of the circuit detects if the temperature is
greater than the hot threshold or less than the cold threshold
. If the temperature is hot or cold, it provides the disable
signal (Active High) to the INOKB Control portion of the circuit, which can control the disable signal according to the
INOKB status. If INOKB is high (i.e., the charger input is not valid), the disable signal from the temperature detection part
is blocked. If INOKB is low (i.e., the charger input is valid), the disable signal passes through the INOKB Control part and
reach the ITOPOFF pin of the MAX77751. If the output of the temperature detection part is high (i.e., the disable signal)
when INOKB is low, ITOPOFF is pulled low, and battery charging through the MAX77751 is disabled.
ITOPOFF
RTOPOFF
GPIO
(OPEN DRAIN
OUTPUT)
MCU
MAX77751
INOKB
GPIO
(INPUT)
VCC
ADC
THERMISTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com