Electronic Components Datasheet Search
  English  ▼

X  

MAX77751 Datasheet(PDF) 27 Page - Maxim Integrated Products

Part # MAX77751
Description  3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button MAX77751 Datasheet HTML 23Page - Maxim Integrated Products MAX77751 Datasheet HTML 24Page - Maxim Integrated Products MAX77751 Datasheet HTML 25Page - Maxim Integrated Products MAX77751 Datasheet HTML 26Page - Maxim Integrated Products MAX77751 Datasheet HTML 27Page - Maxim Integrated Products MAX77751 Datasheet HTML 28Page - Maxim Integrated Products MAX77751 Datasheet HTML 29Page - Maxim Integrated Products MAX77751 Datasheet HTML 30Page - Maxim Integrated Products MAX77751 Datasheet HTML 31Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
MAX77751
3.15A USB-C Autonomous Charger
for 1-Cell Li+ Batteries
www.maximintegrated.com
Maxim Integrated | 27
Reverse Boost Mode
The DC-DC converter topology of the MAX77751 allows it to operate as a buck converter or as a reverse boost converter.
The modes of the DC-DC converter are controlled by ENBST. When ENBST = high, the DC-DC converter operates in
reverse boost mode allowing it to source current to BYP and CHGIN. It is commonly referred to as OTG mode or a source
role.
The current through the BYP to CHGIN switch is limited to 1.5A minimum. When the reverse boost mode is enabled, the
unipolar CHGIN transfer function measures current going out of CHGIN.
The BYP to CHGIN switch automatically tries to retry after 300ms if CHGIN loading exceeds the 1.5A current limit. If the
overload at CHGIN persists, then the CHGIN switch toggles ON and OFF with approximately 60ms ON and approximately
300ms OFF.
Battery Overcurrent Protection During System Power-Up
The battery overcurrent protection during system power-up feature limits the battery to system current to ISYSPU if VSYS
is less than VSYSPU. This feature limits the surge current that typically flows from the battery to the device’s low-
impedance system to bypass capacitors during a system power-up. System power-up is anytime that energy from the
battery is supplied to SYS when VSYS < VSYSPU. This system power-up condition typically occurs when a battery is hot
inserted into an otherwise unpowered device.
When system power-up occurs due to hot-insertion into an otherwise unpowered device, a small delay is required for this
feature’s control circuits to activate. A current spike over ISYSPU might occur during this time.
Battery Overcurrent Protection Due to Fault
The MAX77751 protects itself, the battery, and the system from potential damage due to excessive battery discharge
current. Excessive battery discharge current can occur for several reasons such as exposure to moisture, a software
problem, an IC failure, a component failure, or a mechanical failure that causes a short circuit.
When the battery (BATT)-to-system (SYS) discharge current (IBATT) exceeds 6A for at least tBOVRC, then the MAX77751
disables the BATT-to-SYS discharge path (QBAT switch) and turns off buck.
Under the OCP fault condition, when SYS is low (VSYS < VSYSUP) for tOCP_RETRY, the MAX77751 restarts on its own
and attempts to pull up SYS again. If the fault condition remains, the whole cycle repeats until this fault condition is
removed.
Thermal Foldback
Thermal foldback maximizes the battery charge current while regulating the MAX77751 junction temperature. As shown
in Figure 7, when the die temperature exceeds the REGTEMP (TREG), a thermal limiting circuit reduces the battery
charger’s target current by 5% of the fast charge current per 1°C (ATJREG), which corresponds to 157.5mA/°C when the
fast charge current is 3.15A. The target charge current reduction is achieved with an analog control loop (i.e., not a digital
reduction in the input current).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com