Electronic Components Datasheet Search
  English  ▼

X  

MAX77751 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX77751
Description  3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX77751 Datasheet HTML 13Page - Maxim Integrated Products MAX77751 Datasheet HTML 14Page - Maxim Integrated Products MAX77751 Datasheet HTML 15Page - Maxim Integrated Products MAX77751 Datasheet HTML 16Page - Maxim Integrated Products MAX77751 Datasheet HTML 17Page - Maxim Integrated Products MAX77751 Datasheet HTML 18Page - Maxim Integrated Products MAX77751 Datasheet HTML 19Page - Maxim Integrated Products MAX77751 Datasheet HTML 20Page - Maxim Integrated Products MAX77751 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
MAX77751
3.15A USB-C Autonomous Charger
for 1-Cell Li+ Batteries
www.maximintegrated.com
Maxim Integrated | 17
Detailed Description
The MAX77751 is a highly integrated USB Type-C Charger with autonomous configuration. The MAX77751 can operate
at an input range from 4.5V to 13.7V to support a 5V, 9V, and 12V AC adapter and USB input. It is capable of supplying
a fast-charge current up to 3.15A and the maximum input current limit is 3.0A.
The MAX77751 can run BC1.2 and USB Type-C CC detection when USB input is plugged in and can configure the input
source to the maximum power option and the charger input current limit to maximum power.
The fast-charge current and top-off current threshold can be programmed with an external resistor. The input voltage
regulation feature with adaptive input current limit (AICL) allows charging to continue even with a weak adapter by
preventing it from collapsing or folding back.
The power path design provides system power even when the battery is fully discharged, and it supplements current from
the battery and CHGIN input automatically when the system demands higher current.
Reverse boost from the battery can be enabled by the ENBST pin to allow 5.1V/1.5A OTG to VBUS.
Switching Mode Charger
Features
• Complete Li-ion/Li-Polymer Switching Charger
• Prequalification, Constant Current, Constant Voltage Charging
• 55mA Precharge, 300mA Trickle Charge Current
• 500mA to 3.15A Resistor-Adjustable Fast-Charge Current
• 100mA to 350mA Resistor-Adjustable Charge Termination Threshold
• 4.1V to 4.5V Battery Regulation Voltage (see the Ordering Information section)
• Smart Power Selector
• Optimally Distributes Power Between the Charge Adapter, System, and Battery
• When Powered by a Charge Adapter, the Main Battery Can Provide Supplemental Current to the System
• The Charge Adapter Can Support the System Without a Battery
• 20mΩ BATT to SYS Switch with up to 4.5A Continuous Discharge Capability
• No External MOSFETs Required
• 4.5V to 13.7V Input Operating Voltage
• Reverse Leakage Protection Prevents the Battery Current Leaking to the Input
• Automatic Detection of USB Type-C and BC1.2 Adapters
• 500mA to 3A Automatic Input Current Limit Selection After USB Charger Type Detection
• Supports Non-USB Sources
• 6-Hour Charge Safety Timer
• Die Temperature Monitor with Thermal Foldback Loop (130°C Threshold)
• Input Voltage Regulation Allows Operation from High-Impedance Sources (AICL)
• Short Circuit Protection
• BATT to SYS Overcurrent Threshold: 6A
• SYS Short-to-Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com