Electronic Components Datasheet Search
  English  ▼

X  

MAX77751 Datasheet(PDF) 37 Page - Maxim Integrated Products

Part # MAX77751
Description  3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 37 Page - Maxim Integrated Products

Back Button MAX77751 Datasheet HTML 32Page - Maxim Integrated Products MAX77751 Datasheet HTML 33Page - Maxim Integrated Products MAX77751 Datasheet HTML 34Page - Maxim Integrated Products MAX77751 Datasheet HTML 35Page - Maxim Integrated Products MAX77751 Datasheet HTML 36Page - Maxim Integrated Products MAX77751 Datasheet HTML 37Page - Maxim Integrated Products MAX77751 Datasheet HTML 38Page - Maxim Integrated Products MAX77751 Datasheet HTML 39Page - Maxim Integrated Products MAX77751 Datasheet HTML 40Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
MAX77751
3.15A USB-C Autonomous Charger
for 1-Cell Li+ Batteries
www.maximintegrated.com
Maxim Integrated | 37
Inductor Selection
The MAX77751's control scheme requires an external inductor from 0.47μH to 1μH for proper operation.
Table 6. Recommended Inductors
MANUFACTURER
PART NUMBER
INDUCTANCE
(μH)
ISAT(TYP)
(A)
IRMS(TYP)
(A)
DCR(TYP)
(mΩ)
SIZE (L x W x T)
(mm)
SEMCO
CIGT252008LMR47MNE
0.47
5.5
4.5
24
2.5 x 2.0 x 0.8
SEMCO
CIGT252010LMR47MNE
0.47
6
4.5
24
2.5 x 2.0 x 1.0
SEMCO
CIGT201610EHR47MNE
0.47
5.9
5
18
2.0 x 1.6 x 1.0
CYNTEC
HTGH25201T-R47MSR-68
0.47
6.6
5.6
16.5
2.5 x 2.0 x 1.0
Charger Status Outputs
Input Status (INOKB)
INOKB is an open-drain and active low output that indicates the input status. If a valid input source is inserted and the
buck converter starts switching, INOKB pulls low. When the reverse boost is enabled, INOKB pulls low to indicate 5V
output from CHGIN.
INOKB can be used as a logic output for the system processor by adding a 200kΩ pullup resistor to the system IO voltage.
INOKB can also be used as an LED indicator driver by adding a current limit resistor and an LED to SYS.
Charging Status Output (STAT)
STAT is an open-drain and active low output that indicates charge status. Table 7 shows the STAT status changes.
Table 7. STAT Output Per Charging Status
CHARGING STATUS
STAT
LOGIC STATE
CHARGE STATUS LED
No input
High impedance
High
Off
Trickle, precharge, fast
charge
Repeat low and high impedance
with 1Hz, 50% duty cycle
After an external diode and a
capacitor rectifier, high
Blinking with 1Hz, 50% duty
cycle.
Top-off and done
Low
Low
Solid on
Faults
High impedance
High
Off
STAT can be used as a logic output for the system processor by adding a
200kΩ pullup resistor to the system IO voltage
and a rectifier (a diode and a capacitor).
STAT also can be used as an LED indicator driver by adding a current limit resistor and an LED to SYS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com