Electronic Components Datasheet Search
  English  ▼

X  

MAX77751 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX77751
Description  3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX77751 Datasheet HTML 14Page - Maxim Integrated Products MAX77751 Datasheet HTML 15Page - Maxim Integrated Products MAX77751 Datasheet HTML 16Page - Maxim Integrated Products MAX77751 Datasheet HTML 17Page - Maxim Integrated Products MAX77751 Datasheet HTML 18Page - Maxim Integrated Products MAX77751 Datasheet HTML 19Page - Maxim Integrated Products MAX77751 Datasheet HTML 20Page - Maxim Integrated Products MAX77751 Datasheet HTML 21Page - Maxim Integrated Products MAX77751 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
MAX77751
3.15A USB-C Autonomous Charger
for 1-Cell Li+ Batteries
www.maximintegrated.com
Maxim Integrated | 18
Figure 1. Simplified Functional Diagram
SYS
BATT
LX
BYP
BUCK/BOOS T
CONTROLLER
PGND
CHARGE AND
SMA RT POWER
PATH CONTROLLER
+
5.1V
(REVERSE BOOST MODE)
UP TO 3.0A
CHARGE CURRE NT
CHGIN
CHGIN INPUT CURRENT
LIMIT SWITCH
CHGIN
UP TO +13.7V OPERATING
UP TO 3.0A INPUT CURRENT
VUSB/VADP
BST
QCHGIN
QHS
QLS
QBAT
MAX77751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com