Electronic Components Datasheet Search
  English  ▼

X  

MAX77751 Datasheet(PDF) 33 Page - Maxim Integrated Products

Part # MAX77751
Description  3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 33 Page - Maxim Integrated Products

Back Button MAX77751 Datasheet HTML 29Page - Maxim Integrated Products MAX77751 Datasheet HTML 30Page - Maxim Integrated Products MAX77751 Datasheet HTML 31Page - Maxim Integrated Products MAX77751 Datasheet HTML 32Page - Maxim Integrated Products MAX77751 Datasheet HTML 33Page - Maxim Integrated Products MAX77751 Datasheet HTML 34Page - Maxim Integrated Products MAX77751 Datasheet HTML 35Page - Maxim Integrated Products MAX77751 Datasheet HTML 36Page - Maxim Integrated Products MAX77751 Datasheet HTML 37Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
MAX77751
3.15A USB-C Autonomous Charger
for 1-Cell Li+ Batteries
www.maximintegrated.com
Maxim Integrated | 33
Figure 11. D+/D- Connections in a Reference System
Capacitor Selection
All capacitors should be X5R dielectric or better. Be aware that multi-layer ceramic capacitors have large voltage
coefficients. Before selecting capacitors, check for sufficient voltage rating and derated capacitance at the max operating
voltage condition. Table 5 shows the capacitors to select after considering the derating and operating voltage.
Table 5. Capacitor Selections
PIN
TYPE
CHGIN Capacitor
2.2µF/16V
BYP Capacitor
10µF + 22µF/16V
SYS Capacitor
2x10µF/10V
BATT Capacitor
10µF/10V
VDD Capacitor
2.2µF/10V
PVL Capacitor
2.2µF/10V
BST Capacitor
100nF/6.3V
Thermal Considerations
If the system that includes the MAX77751 can read the battery temperature, the temperature can be controlled by
adjusting the battery current through enabling switching and disabling charging. As described in the Buck State section,
charging is disabled by pulling the ITOPOFF pin low. Figure 12 shows a recommended system diagram where the MCU
has an ADC to sense the temperature, a GPIO output connected to ITOPOFF to enable or disable charging, and a GPIO
input connected to INOKB to check the presence of a valid charger. Note that the GPIO output should be an open-drain
type. In this system configuration, if the MCU judges the temperature is too high, the MCU should pull the GPIO output
low to disable charging. It is important to check if a valid charger is present through the INOKB signal before disabling
charging. Pulling ITOPOFF low when the INOKB signal is high (i.e., inactive) could affect the TOPOFF current sensing.
Meanwhile, if the temperature goes back to normal, the MCU should make the GPIO be high impedance state to enable
charging.
MAX77751
CC2
CC1
INOKB
DP
DN
CHGIN
MCU
VBUS
CC1
USB TYPE-C
CONNECTOR
CC2
D+
D-
D+
D-
GPIO
GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com