Electronic Components Datasheet Search
  English  ▼

X  

MAX77751 Datasheet(PDF) 26 Page - Maxim Integrated Products

Part # MAX77751
Description  3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 26 Page - Maxim Integrated Products

Back Button MAX77751 Datasheet HTML 22Page - Maxim Integrated Products MAX77751 Datasheet HTML 23Page - Maxim Integrated Products MAX77751 Datasheet HTML 24Page - Maxim Integrated Products MAX77751 Datasheet HTML 25Page - Maxim Integrated Products MAX77751 Datasheet HTML 26Page - Maxim Integrated Products MAX77751 Datasheet HTML 27Page - Maxim Integrated Products MAX77751 Datasheet HTML 28Page - Maxim Integrated Products MAX77751 Datasheet HTML 29Page - Maxim Integrated Products MAX77751 Datasheet HTML 30Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
MAX77751
3.15A USB-C Autonomous Charger
for 1-Cell Li+ Batteries
www.maximintegrated.com
Maxim Integrated | 26
Top-Off State
As shown in Figure 6, the top-off state can only be entered from the fast-charge CV state when the charger current
decreases below ITO for tTERM. In the top-off state, the battery charger tries to maintain VBATTREG across the battery,
and typically, the charge current is less than or equal to ITO.
The smart power selector control circuitry might reduce the charge current lower than the battery can otherwise consume
for any of the following reasons:
• The charger input current is lower than the input current limit
• The charger input voltage is low
• The charger is in thermal foldback
• The system load is consuming adapter current. Note that the system load always gets priority over the battery charge
current.
The following events cause the state machine to exit this state:
• After being in this state for the top-off time (tTO), the charger enters the next state in the charging cycle, done state.
• If VBATT < VBATTREG – VRSTRT, the charger goes back to the fast-charge CC state
Done State
As shown in Figure 6, the battery charger enters its done state after the charger has been in the top-off state for tTO.
The state machine exits this state if VBATT < VBATTREG – VRSTRT and the charger goes back to the fast-charge CC
state
In the done state, the charge current into the battery (ICHG) is 0A, and the charger presents a very low quiescent current
to the battery. If the system load presented to the battery is low (<<100μA), then a typical system can remain in the done
state for many days. If left in the done state long enough, the battery voltage decays below the restart threshold (VRSTRT)
and the charger state machine transitions back into the fast-charge CC state. There is no soft-start (di/dt limiting) during
the done state to fast-charge state transition.
Timer Fault State
The battery charger provides a charge timer to ensure safe charging. As shown in Figure 6, the charge timer prevents
the battery from charging indefinitely. The time that the charger is allowed to remain in each of its prequalification states
is tPQ. The time that the charger is allowed to remain in the fast-charge CC and fast-charge CV states is tFC. Finally, the
time that the charger is in the top-off state is tTO. Upon entering the timer fault state, STAT becomes Hi-Z.
In the timer fault state, the charger is off. The charger input can be removed and re-inserted to exit the timer fault state
(see the “any state” bubble in the lower left of Figure 6).
Thermal Shutdown State
As shown in Figure 6, the thermal shutdown state occurs when the battery charger is in any state and the junction
temperature (TJ) exceeds the device’s thermal shutdown threshold (TSHDN). When TJ is close to TREG, the charger
folds back the charge current to 0A so that the charger is effectively off (see the Thermal Foldback section).
In the thermal shutdown state, the charger is off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com