Electronic Components Datasheet Search
  English  ▼

X  

MAX77751 Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # MAX77751
Description  3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button MAX77751 Datasheet HTML 20Page - Maxim Integrated Products MAX77751 Datasheet HTML 21Page - Maxim Integrated Products MAX77751 Datasheet HTML 22Page - Maxim Integrated Products MAX77751 Datasheet HTML 23Page - Maxim Integrated Products MAX77751 Datasheet HTML 24Page - Maxim Integrated Products MAX77751 Datasheet HTML 25Page - Maxim Integrated Products MAX77751 Datasheet HTML 26Page - Maxim Integrated Products MAX77751 Datasheet HTML 27Page - Maxim Integrated Products MAX77751 Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
MAX77751
3.15A USB-C Autonomous Charger
for 1-Cell Li+ Batteries
www.maximintegrated.com
Maxim Integrated | 24
INIT State
From any state shown in Figure 6 except thermal shutdown, the INIT state is entered whenever the charger inputs that
CHGIN is invalid or the charger timer is suspended.
While in the INIT state, the charger current is 0mA, the charge timer is forced to 0, and the power to the system is provided
by the battery.
To exit the INIT state, the charger input must be valid.
Buck State
The chip has a state where battery charging is disabled while the charger input CHGIN is valid. The state is called buck
state. Entering or leaving buck state is controlled by the voltage of the ITOPOFF pin. If the voltage of this pin is pulled
down by an external device (i.e., MCU) under VCHGR_EN, the chip goes to the buck state from any state if CHGIN is
valid, as shown in Figure 6. In the buck state, charging is disabled, which means QBAT is off, unless it is in supplement
mode. If the voltage of this pin is over VCHGR_EN, the chip gets out of the buck state and resumes charging. Note that
only when CHGIN is valid, charging can be enabled or disabled. Therefore, the external device (i.e., MCU) should check
using the INOKB signal if CHGIN is valid before trying to enable or disable charging.
Precharge State
As shown in Figure 6, the precharge state occurs when the battery voltage is less than VPRECHG. In the precharge state,
charge current into the battery is IPRECHG.
The following events cause the state machine to exit this state:
• Battery voltage rises above VPRECHG, and the charger enters the next state in the charging cycle, trickle charge state.
• If the battery charger remains in this state for longer than tPQ, the charger state machine transitions to the timer fault
state.
The precharge state works with battery voltages down to 0V. The low 0V operation typically allows this battery charger to
recover batteries that have an “open” internal pack protector. Typically, an internal pack protection circuit opens if the
b
attery has seen an overcurrent, undervoltage, or overvoltage. When a battery with an “open” internal pack protector is
used with this charger, the precharge state current flows into the 0V battery
—this current raises the pack’s terminal voltage
to the voltage level where the internal pack protection switch closes.
Note that a normal battery typically stays in the precharge state for several minutes or less. Therefore, a battery that stays
in the precharge state for longer than tPQ might be experiencing a problem.
Trickle Charge State
As shown in Figure 6, the trickle charge state occurs when VBATT > VPRECHG and VBATT < VTRICKLE.
When the MAX77751 is in the trickle charge state, the charge current in the battery is less than or equal to ITRICKLE.
The charge current might be less than ITRICKLE for any of the following reasons:
• The charger input current is lower than the input current limit
• The charger input voltage is low
• The charger is in thermal foldback
• The system load is consuming adapter current. Note that the system load always gets priority over the battery charge
current.
The following events cause the state machine to exit this state:
• When the main battery voltage rises above VTRICKLE, the charger enters the next state in the charging cycle, fast-
charge constant current state.
• If the battery charger remains in this state for longer than tPQ, the charger state machine transitions to the timer fault
state.
Note that a normal battery typically stays in the trickle charge state for several minutes or less. Therefore, a battery that
stays in trickle charge state for longer than tPQ might be experiencing a problem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com